Electronic Components Datasheet Search
  English  ▼

X  

D45XT160 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D45XT160
Description  3 Phase Bridge Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D45XT160 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D45XT160 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D45XT160 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■外観図 OUTLINE
176
(J534)
■定格表 RATINGS
Unit : mm
Weight : 22g(typ.)
特 長
外形図については新電元 Web サイト又は〈半導体製品一覧表〉をご参照下
さい。捺印表示については捺印仕様をご確認下さい。
大容量 シングルインライン型
Large
Io Single In-line Package
3 Phase Bridge Diode
D45XT160
1600V 45A
• 3相ブリッジ
•薄型S
IP パッケージ
• UL E142422
• 高放熱伝導性
• 3 Phase-Bridge
• Thin-S
IP
• UL E142422
• High Thermal Radiation
1ms≦t<10ms,
℃
℃
V
A
A
A
2s
kV
N・m
V
μA
℃/W
項  目
Item
記号
Symbol
保存温度
Storage Temperature
接合部温度
Operation Junction Temperature
せん頭逆電圧
Maximum Reverse Voltage
出力電流
Average Rectified Forward Current
せん頭サージ順電流
Peak Surge Forward Current
電流二乗時間積
Current Squared Time
順電圧
Forward Voltage
逆電流
Reverse Current
熱抵抗
Thermal Resistance
Tstg
Tj
VRM
IO
IFSM
I
2t
Vdis
TOR
VF
IR
θjc
θja
非繰り返し1サイクルせん頭値,1素子当たりの規格値,
Tj = 25℃
Non-repetitive 1cycle peak value, Per diode
Tj = 25
℃
50Hz 正弦波
50Hz sine wave
60Hz 正弦波
60Hz sine wave
一括端子・ケース間,AC1分間印加
モールド部上面(端子と平行面)は除く
Terminals to case, AC 1 minute.
Except top
(opposite side of the terminal side)of the mold case.
(推奨値:1.2 N・m)
(Recommended torque : 1.2 N・m)
50Hz 正弦波,抵抗負荷
50Hz sine wave, Resistance load
フィン付き
With heatsink
Tc = 97℃
Ta = 26℃
フィンなし
Without heatsink
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
1素子当たりの規格値
per diode
接合部・ケース間
Junction to case
接合部・ 周囲間
Junction to ambient
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
IF=15A,
VR=1600V,
MAX
1.05
MAX
100
MAX
0.5
MAX
16
−40∼150
150
1600
45.0
4.6
330
360
544.5
2.5
1.5
絶縁耐圧
Dielectric Strength
締め付けトルク
Mounting Torque
条 件
Conditions
品 名
Type No.
単位
Unit
D45XT160
Feature
Package:TSB-5PIN
①②
③
④
⑤
+∼
∼
−
①② ③④
⑤
∼
0264
D45XT 160
SHINDENGEN
+
∼∼∼
−
ロット記号(例)
Date code
管理番号(例)
Control No.
品名
Type No.
45.7
7.5
27
20


Similar Part No. - D45XT160

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D45XT80 SHINDENGEN-D45XT80 Datasheet
129Kb / 2P
3 Phase Bridge Diode
D45XT80 SHINDENGEN-D45XT80_17 Datasheet
463Kb / 4P
3 Phase Bridge Diode
More results

Similar Description - D45XT160

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15VTA80 SHINDENGEN-S15VTA80 Datasheet
272Kb / 5P
3 Phase Bridge Diode
D45XT80 SHINDENGEN-D45XT80 Datasheet
129Kb / 2P
3 Phase Bridge Diode
logo
SanRex Corporation
DFA150CB SANREX-DFA150CB Datasheet
856Kb / 3P
3-PHASE DIODE BRIDGE
DFA200CB SANREX-DFA200CB Datasheet
865Kb / 3P
3-PHASE DIODE BRIDGE
logo
Shindengen Electric Mfg...
D45XT80 SHINDENGEN-D45XT80_17 Datasheet
463Kb / 4P
3 Phase Bridge Diode
S10VT60 SHINDENGEN-S10VT60_17 Datasheet
457Kb / 4P
3 Phase Bridge Diode
S10VTA60 SHINDENGEN-S10VTA60_17 Datasheet
461Kb / 4P
3 Phase Bridge Diode
S15VT60 SHINDENGEN-S15VT60_17 Datasheet
440Kb / 4P
3 Phase Bridge Diode
S20VT60 SHINDENGEN-S20VT60_17 Datasheet
458Kb / 4P
3 Phase Bridge Diode
S20VTA60 SHINDENGEN-S20VTA60_17 Datasheet
419Kb / 4P
3 Phase Bridge Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com