Electronic Components Datasheet Search
  English  ▼

X  

TPS2811D Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811D
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811D Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS2811D Datasheet HTML 15Page - Texas Instruments TPS2811D Datasheet HTML 16Page - Texas Instruments TPS2811D Datasheet HTML 17Page - Texas Instruments TPS2811D Datasheet HTML 18Page - Texas Instruments TPS2811D Datasheet HTML 19Page - Texas Instruments TPS2811D Datasheet HTML 20Page - Texas Instruments TPS2811D Datasheet HTML 21Page - Texas Instruments TPS2811D Datasheet HTML 22Page - Texas Instruments TPS2811D Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figures 33 through 47 illustrate the performance of the TPS2811 driving MOSFETs with clamped inductive
loads, similar to what is encountered in discontinuous-mode flyback converters. The MOSFETs that were tested
range in size from Hex-1 to Hex-4, although the TPS28xx family is only recommended for Hex-3 or below.
The test circuit is shown in Figure 32. The layout rules observed in building the test circuit also apply to real
applications. Decoupling capacitor C1 is a 0.1-
µF ceramic device, connected between VCC and GND of the
TPS2811, with short lead lengths. The connection between the driver output and the MOSFET gate, and
between GND and the MOSFET source, are as short as possible to minimize inductance. Ideally, GND of the
driver is connected directly to the MOSFET source. The tests were conducted with the pulse generator
frequency set very low to eliminate the need for heat sinking, and the duty cycle was set to turn off the MOSFET
when the drain current reached 50% of its rated value. The input voltage was adjusted to clamp the drain voltage
at 80% of its rating.
As shown, the driver is capable of driving each of the Hex-1 through Hex-3 MOSFETs to switch in 20 ns or less.
Even the Hex-4 is turned on in less than 20 ns. Figures 45, 46 and 47 show that paralleling the two drivers in
a package enhances the gate waveforms and improves the switching speed of the MOSFET. Generally, one
driver is capable of driving up to a Hex-4 size. The TPS2811 family is even capable of driving large MOSFETs
that have a low gate charge.
Regulator
R1
50
Ω
1
2
3
4
8
7
6
5
C1
0.1
µF
C2
4.7
µF
+
–
VDS
Q1
Current
Loop
L1
CR1
+
VI
VDS
VGS
VCC
Figure 32. TPS2811 Driving Hex-1 through Hex-4 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com