Electronic Components Datasheet Search
  English  ▼

X  

US8KB80R Datasheet(PDF) 6 Page - Shindengen Electric Mfg.Co.Ltd

Part # US8KB80R
Description  Silicon Bridge Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

US8KB80R Datasheet(HTML) 6 Page - Shindengen Electric Mfg.Co.Ltd

  US8KB80R Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd US8KB80R Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd US8KB80R Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd US8KB80R Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd US8KB80R Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd US8KB80R Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
C
3
Type No.
Date code
Unit:
Control No.
Polarity
22.1
0.3
+
−
2.5
3.6
R1.8
0.2
+
0.2
+
−
5.08 0.3
+
−
5.08 0.3
+
−
5.08
1.1
0.3
+
−
0.1
+
−
0.5
0.1
+
0.05
−
3.45 0.2
+
−
2.05
0.2
+
−
2.2
0.2
+
−
0.1
−
1
2
3
4
1
2
3
4
US4K 80R
9771
Package : D6K
■The level of quality of our products is intended for use in standard applications.(OA and other office equipment, communication equipment, measuring instruments,
home appliances, industrial equipment, etc.
)In the case these products are to be used in equipment or devices in which failure or malfunction of a product may
directly affect human life or health
(Nuclear power control equipment, aerospace equipment, devices and systems for preserving life, transportation equipment,
traffic control equipment, safety control devices, fire prevention/anti-theft equipment, combustion control equipment, etc.
), always make sure to contact us in
advance.
■All specifications are subject to change without notice.
■Please contact us for the latest specifications before you order.
■Please use our products after confirming the details in the specifications and the application manuals.
U.S.A
Shindengen America, Inc.
Head Office
161 Plaza La Vista Road, Camarillo, CA 93010 U.S.A.
Phone:+1-805-445-8420 Fax:+1-805-445-8421
Chicago Office
2333 Waukegan Road, Suite 170 Bannockburn, IL. 60015 U.S.A.
Phone:+1-847-444-1363 Fax:+1-847-444-0654
Europe
Shindengen UK Ltd.
Head Office
Howard Court, 12 Tewin Road,
Welwyn Garden City, Hertfordshire. AL7 1BW U.K.
Phone:+44-1707-332992 Fax:+44-1707-332955
German Branch
Kapell Strasse 6, D-40479, Dusseldorf, Germany
Phone:+49-211-4919680 Fax:+49-211-4986499
Asia
Shindengen Singapore PTE Ltd.
750D, Chai Chee Road, #05-01,
Technopark@Chai Chee, Singapore 469004
Phone:+65-6445-0082 Fax:+65-6445-6089
Shindengen
(H.K.)Co., Ltd.
Head Office
Suite 3206, 32/F, Tower 1, The Gateway, 25 Canton Road, TST,
Kowloon, Hong Kong.
Phone:+852-2317-1884 Fax:+852-2314-8561
Taipei Branch
Room N1010, 10F, Chia-Hsin Bldg. 2 No. 96, Sec. 2,
Chung Shan N. RD. Taipei, Taiwan R.O.C.
Phone:+886-2-2560-3990 Fax:+886-2-2560-3991
Shanghai Liaison Office
W504 Sun Plaza, No.88 Xian xia Road, Shanghai, 200336, China
Phone:+86-21-6270-1173 Fax:+86-21-6270-0419
Shindengen Electric Mfg. Co., Ltd.
Head Office
New-Ohtemachi Bldg., 2-1 Ohtemachi 2-chome, Chiyoda-ku,
Tokyo 100-0004, Japan
Phone : +81-3-3279-4545, 4546, 4547
Fax : +81-3-3279-4519
Seoul Office
Korea City Air-Terminal Bldg. 606, 159-6, Samsung-Dong,
Kangnam-ku, Seoul, Korea
Phone:+82-2-551-1431 Fax:+82-2-551-1432
【
URL】http://www.shindengen.co.jp
ELECTRIC MFG. CO., LTD.
OUTLINE DIMENSIONS
CAT.No.TJ 536
07600
(NQ)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com