Electronic Components Datasheet Search
  English  ▼

X  

VEC2801 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # VEC2801
Description  General-Purpose Switching Device Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VEC2801 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  VEC2801 Datasheet HTML 1Page - Sanyo Semicon Device VEC2801 Datasheet HTML 2Page - Sanyo Semicon Device VEC2801 Datasheet HTML 3Page - Sanyo Semicon Device VEC2801 Datasheet HTML 4Page - Sanyo Semicon Device VEC2801 Datasheet HTML 5Page - Sanyo Semicon Device VEC2801 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VEC2801
No.9078-2/6
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[MOSFET]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID= --1mA, VGS=0
--12
V
Zero-Gate Voltage Drain Current
IDSS
VDS= --12V, VGS=0
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±6.4V, VDS=0
±10
μA
Cutoff Voltage
VGS(off)
VDS= --6V, ID= --1mA
--0.3
--1.3
V
Forward Transfer Admittance
⏐yfs⏐
VDS= --6V, ID= --1.5A
4.2
6
S
RDS(on)1
ID= --3A, VGS= --4.5V
47
62
mΩ
Static Drain-to-Source On-State Resistance
RDS(on)2
ID= --1.5A, VGS= --2.5V
64
89
mΩ
RDS(on)3
ID= --0.3A, VGS= --1.8V
85
122
mΩ
Input Capacitance
Ciss
VDS= --6V, f=1MHz
940
pF
Output Capacitance
Coss
VDS= --6V, f=1MHz
230
pF
Reverse Transfer Capacitance
Crss
VDS= --6V, f=1MHz
180
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
14
ns
Rise Time
tr
See specified Test Circuit.
84
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
104
ns
Fall Time
tf
See specified Test Circuit.
106
ns
Total Gate Charge
Qg
VDS= --6V, VGS= --4.5V, ID= --3A
11
nC
Gate-to-Source Charge
Qgs
VDS= --6V, VGS= --4.5V, ID= --3A
1.6
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS= --6V, VGS= --4.5V, ID= --3A
2.8
nC
Diode Forward Voltage
VSD
IS= --3A, VGS=0
--0.85
--1.2
V
[SBD]
Reverse Voltage
VR
IR=1mA
15
V
Forward Voltage
VF
IF=1A
0.35
0.45
V
Reverse Current
IR
VR=6V
500
μA
Interterminal Capacitance
C
VR=10V, f=1MHz
45
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
15
ns
Thermal Resistance
Rth(j-a)
Mounted on a ceramic board (900mm2
✕0.8mm)
70
°C / W
Package Dimensions
Electrical Connection
unit : mm (typ)
7012-004
2.9
0.65
0.3
123
4
87
6 5
0.15
1 : Anode
2 : No Contact
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Cathode
8 : Cathode
SANYO : VEC8
87
6
5
123
4
1 : Anode
2 : No Contact
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Cathode
8 : Cathode
Top view



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com