Electronic Components Datasheet Search
  English  ▼

X  

US6KB80R Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # US6KB80R
Description  Silicon Bridge Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

US6KB80R Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  US6KB80R Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd US6KB80R Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd US6KB80R Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd US6KB80R Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd US6KB80R Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd US6KB80R Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
US15KB80R
US30KB80R
CHARACTERISTIC DIAGRAMS
0
0
10
20
40
30
50
20
40
80
60
100
160
120
140
0
0.1
0.2
0.5
1
2
5
10
20
50
0.4
0.2
0.6
1
0.8
1.4
1.2
1.6
Forward Voltage
Forward Power Dissipation
Derating Curve Tc-Io
Tc
heatsink
Tc−sensing point
0
0
0.5
1.5
1
2.5
2
3
20
40
80
60
100
160
120
140
Derating Curve Ta-Io
P.C.B
on glass−epoxy substrate
soldering land 3mm φ
Peak Surge Forward Current Capability
Forward Voltage
Forward Power Dissipation
0
0
0.5
1.5
1
2.5
2
3
20
40
80
60
100
160
120
140
Derating Curve Ta-Io
P.C.B
on glass−epoxy substrate
soldering land 3mm φ
Derating Curve Tc-Io
Peak Surge Forward Current Capability
0
0
5
10
15
20
25
30
35
40
51015
20
1
0
50
100
150
200
250
25
10
20
100
50
Peak Surge Forward Current Capability
non−repetitive
sine wave
Tj=25℃
8.3ms
8.3ms
1cycle
0
0
4
12
8
20
16
24
20
40
80
60
100
160
120
140
Tc
heatsink
Tc−sensing point
0
0.1
0.2
0.5
1
2
5
10
20
100
50
0.4
0.2
0.6
1
0.8
1.4
1.2
1.6
1
0
100
200
300
400
500
25
10
20
100
50
Peak Surge Forward Current Capability
non−repetitive
sine wave
Tj=25℃
8.3ms
8.3ms
1cycle
1
100
200
500
1000
2000
25
4
36
7 8.3
non−repetitive
sine wave
tp
3
20
50
100
200
500
1000
46
57
8.3
non−repetitive
sine wave
tp
0
0
10
30
20
60
50
40
70
80
510
20
15
25
40
30
35
Tc
heatsink
Tc−sensing point
Tj=150℃
Tj=25℃
Tj=150℃
Tj=25℃
Forward Voltage VF[V]
Average Rectified Forward Current Io[A]
Number of Cycles [cycle]
Case Temperature Tc[℃]
Ambient Temperature Ta[℃]
Pulse Wide tp[ms]
Forward Voltage VF[V]
Average Rectified Forward Current Io[A]
Number of Cycles [cycle]
Ambient Temperature Ta[℃]
Case Temperature Tc[℃]
Pulse Wide tp[ms]
Tc=150℃[TYP]
Tc= 25℃[TYP]
Tc=150℃[TYP]
Tc= 25℃[TYP]
SIN
SIN
SIN
SIN
SIN
SIN
tp
TD=tp/T
Io
Tj=150℃
tp
TD=tp/T
Io
Tj=150℃
Pulse measurement per diode
Sine wave
R-load
With heatsink
Sine wave
R-load
Free in air
Pulse measurement per diode
Sine wave
R-load
With heatsink
Sine wave
R-load
Free in air
CAT.No.TJ 536



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com