Electronic Components Datasheet Search
  English  ▼

X  

SE5167 Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE5167
Description  300mA CMOS LDO Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5167 Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE5167 Datasheet HTML 1Page - Seaward Electronics Inc. SE5167 Datasheet HTML 2Page - Seaward Electronics Inc. SE5167 Datasheet HTML 3Page - Seaward Electronics Inc. SE5167 Datasheet HTML 4Page - Seaward Electronics Inc. SE5167 Datasheet HTML 5Page - Seaward Electronics Inc. SE5167 Datasheet HTML 6Page - Seaward Electronics Inc. SE5167 Datasheet HTML 7Page - Seaward Electronics Inc. SE5167 Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Revision 12/5/2008
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2006. • www.seawardinc.com.cn • Page 1
Description
The SE5167 is an efficient linear voltage
regulator. It has extra low dropout voltage. At light
loads the typical dropout voltage is 15mV, at full
load the typical dropout voltage is 380mV. The
output voltage accuracy is better than 2%.
The SE5167 has low ground current at 65uA,
so it can help prolong battery life. The SE5167 is
specially designed for hand-held, battery-powered
devices.
Features
Typical 175mV dropout voltage at 150mA.
Low Ground current at 65uA. (Typ.)
Guaranteed 300mA output over the full
operating temperature range.
Extremely tight load and line regulation.
Low temperature coefficient.
Current and thermal limiting.
No-load stability.
Available in SOT-23-3L and TO-92 Packages.
Applications
CD/DVD-ROM, CD/RW
Wireless LAN card, Keyboard, Mouse
Battery Powered Equipments
PCMCIA Card
Ordering/Marking Information
Package
Ordering Information
Marking Information
3.3V
SE5167AHN-LF
SE5167AHN
YYWW-LF
2.8V
SE5167BHN-LF
SE5167BHN
YYWW-LF
2.5V
SE5167CHN-LF
SE5167CHN
YYWW-LF
1.8V
SE5167DHN-LF
SE5167DHN
YYWW-LF
1.5V
SE5167EHN-LF
SE5167EHN
YYWW-LF
3.0V
SE5167FHN-LF
SE5167FHN
YYWW-LF
3.3V
SE5167AHG-LF
SE5167AHG
YYWW-LF
2.8V
SE5167BHG-LF
SE5167BHG
YYWW-LF
2.5V
SE5167CHG-LF
SE5167CHG
YYWW-LF
1.8V
SE5167DHG-LF
SE5167DHG
YYWW-LF
1.5V
SE5167EHG-LF
SE5167EHG
YYWW-LF
3.0V
SE5167FHG-LF
SE5167FHG
YYWW-LF
YY: year code
WW: week code.
LF: lead free.


Similar Part No. - SE5167

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5167AHG-LF SEAWARD-SE5167AHG-LF Datasheet
434Kb / 8P
300mA CMOS LDO Voltage Regulator
SE5167AHN-LF SEAWARD-SE5167AHN-LF Datasheet
434Kb / 8P
300mA CMOS LDO Voltage Regulator
SE5167ALG-LF SEAWARD-SE5167ALG-LF Datasheet
434Kb / 8P
300mA CMOS LDO Voltage Regulator
SE5167ALN-LF SEAWARD-SE5167ALN-LF Datasheet
434Kb / 8P
300mA CMOS LDO Voltage Regulator
SE5167BHG-LF SEAWARD-SE5167BHG-LF Datasheet
434Kb / 8P
300mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5167

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
300mA CMOS Positive LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
CMOS 300mA LDO Voltage regulator
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
CMOS 300mA LDO Voltage regulator
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
CMOS 300mA LDO Voltage regulator
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com