Electronic Components Datasheet Search
  English  ▼

X  

SE5220 Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE5220
Description  1.5A CMOS Ultra LDO Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5220 Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE5220 Datasheet HTML 1Page - Seaward Electronics Inc. SE5220 Datasheet HTML 2Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revision 12/4/2008
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2004. • www.seawardinc.com.cn • Page 1
1.5A CMOS Ultra LDO Voltage
Regulator with EN
SE5220
Description
The SE5220 series of fixed output ultra low
dropout linear regulators are designed for portable
battery powered applications, which require low
power consumption and low dropout voltage.
Each device contains a bandgap voltage reference,
an error amplifier, a PMOS power transistor, and
resistors for setting output voltage, and current limit
and temperature limit protection circuits.
The SE5220 has been designed to be used
with low cost capacitors and requires a minimum
output capacitor of 1.0μF. Standard voltage versions
are 3.3V, 3.0V, and adjustable output from 1.25V to
4.5V.
Features
Typical 100mV Dropout Voltage at 500mA.
Fast Enable Turn-On Time of 20μs (Typ.)
Excellent Line and Load Regulation.
High Accuracy Output Voltage of 2%.
Ultra-Low Ground Current at 50μA (Typ.)
Disable Current Less than 0.2μA (Typ.)
Thermal and Over-Current Protection.
Standard SOP-8 Package.
Pin Configuration
Application
USB removable devices
MPEG4 devices
Wireless LAN’s
Hand-Held Instrumentation.
Portable DVD players
Digital camera
Block Diagram
(Fixed VOUT Version)


Similar Part No. - SE5220

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5220 SEAWARD-SE5220_10 Datasheet
168Kb / 7P
1.5A CMOS Ultra LDO Voltage Regulator with EN
More results

Similar Description - SE5220

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
1.5A CMOS LDO
AME8816 AME-AME8816 Datasheet
112Kb / 14P
1.5A CMOS LDO
AME8817 AME-AME8817 Datasheet
81Kb / 10P
1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
1.5A CMOS LDO
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
1.5A CMOS LDO
logo
Seaward Electronics Inc...
SE5120 SEAWARD-SE5120 Datasheet
274Kb / 9P
1.5A CMOS Ultra LDO Voltage Regulator
SE5220 SEAWARD-SE5220_10 Datasheet
168Kb / 7P
1.5A CMOS Ultra LDO Voltage Regulator with EN
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
1.5A CMOS LDO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com