Electronic Components Datasheet Search
  English  ▼

X  

TPS3511P Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS3511P
Description  PC POWER SUPPLY SUPERVISORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3511P Datasheet(HTML) 2 Page - Texas Instruments

  TPS3511P Datasheet HTML 1Page - Texas Instruments TPS3511P Datasheet HTML 2Page - Texas Instruments TPS3511P Datasheet HTML 3Page - Texas Instruments TPS3511P Datasheet HTML 4Page - Texas Instruments TPS3511P Datasheet HTML 5Page - Texas Instruments TPS3511P Datasheet HTML 6Page - Texas Instruments TPS3511P Datasheet HTML 7Page - Texas Instruments TPS3511P Datasheet HTML 8Page - Texas Instruments TPS3511P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TPS3510,TPS3511
PC POWER SUPPLY SUPERVISORS
SLVS312A – JULY 2000 – REVISED DECEMBER 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
PGI
PSON
UV CONDITION
(3.3 V OR 5 V)
OV CONDITION
(3.3 V, 5 V, OR 12 V)
FPO
PGO
<0.95 V
L
no
no
L
L
<0.95 V
L
no
yes
H
L
<0.95 V
L
yes
no
L
L
0.95 V<PGI<1.15 V
L
no
no
L
L
0.95 V<PGI<1.15 V
L
no
yes
H
L
0.95 V<PGI<1.15 V
L
yes
no
H
L
PGI > 1.15 V
L
no
no
L
H
PGI > 1.15 V
L
no
yes
H
L
PGI > 1.15 V
L
yes
no
H
L
x
H
x
x
H
L
x = don’t care
FPO = L means: fault IS NOT latched
FPO = H means: fault IS latched
PGO = L means: fault
PGO = H means: NO fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com