Electronic Components Datasheet Search
  English  ▼

X  

TPS5103 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5103
Description  MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5103 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS5103 Datasheet HTML 25Page - Texas Instruments TPS5103 Datasheet HTML 26Page - Texas Instruments TPS5103 Datasheet HTML 27Page - Texas Instruments TPS5103 Datasheet HTML 28Page - Texas Instruments TPS5103 Datasheet HTML 29Page - Texas Instruments TPS5103 Datasheet HTML 30Page - Texas Instruments TPS5103 Datasheet HTML 31Page - Texas Instruments TPS5103 Datasheet HTML 32Page - Texas Instruments TPS5103 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
TPS5103
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
SLVS240 – SEPTEMBER 1999
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 37
IO – Output Current – A
PWM Mode
SKIP Mode
80
75
70
60
0
0.5
1
1.5
2
2.5
3
85
90
EFFICIENCY
vs
OUTPUT CURRENT
95
3.5
4
65
1.8 V Output Efficiency
Figure 38
80
75
70
60
0
0.1
0.2
0.3
85
90
95
0.4
0.5
65
IO – Output Current – A
PWM Mode
SKIP Mode
EFFICIENCY
vs
OUTPUT CURRENT
1.8 V Output Efficiency
Figure 39
1.780
1.775
1.770
510
15
1.785
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
1.790
20
25
0
VI – Input Voltage – V
1.8 V Line Regulation
Figure 40
1.780
1.770
1.770
1.760
0
0.5
1
1.5
2
2.5
3
1.780
1.790
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
1.790
3.5
4
IO – Output Current – A
1.8 V Output Load Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com