Electronic Components Datasheet Search
  English  ▼

X  

TPS5510P Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS5510P
Description  3-CHANNEL POWER SUPPLY SUPERVISOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5510P Datasheet(HTML) 2 Page - Texas Instruments

  TPS5510P Datasheet HTML 1Page - Texas Instruments TPS5510P Datasheet HTML 2Page - Texas Instruments TPS5510P Datasheet HTML 3Page - Texas Instruments TPS5510P Datasheet HTML 4Page - Texas Instruments TPS5510P Datasheet HTML 5Page - Texas Instruments TPS5510P Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TPS5510
3-CHANNEL POWER SUPPLY SUPERVISOR
SLVS168 – JULY 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
PSON
FPO
VCC
VS5
+
–
RI = 200 kΩ
+
–
RI = 100 kΩ
+
–
RI = 100 kΩ
73
µs
Debounce
+
–
+
–
+
–
75 ms
Delay
Counter
73
µs
Debounce
300 ms
Delay
Counter
38 ms
Debounce
Q
R
S
OSC
73
µs
Debounce
POR
Vreg
Bandgap
Reference
VCC
VCCI = 3.6 V
Reset
Vref
1.192 V
RTT
RST
Reset
Reset
R
R
R
Pull-High
Resistor
PGO
VCCI
R
EN
R
EN
RST
5 UV
3.3 UV
3.3 OV
5 OV
Vref
Vref
Vref
Vref
Vref
Vref
RST
12 OV
VS33
PGI
VCC
Reset
Derminent
Latch
RTT
150
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com