Electronic Components Datasheet Search
  English  ▼

X  

TPS5602 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5602
Description  DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5602 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5602 Datasheet HTML 1Page - Texas Instruments TPS5602 Datasheet HTML 2Page - Texas Instruments TPS5602 Datasheet HTML 3Page - Texas Instruments TPS5602 Datasheet HTML 4Page - Texas Instruments TPS5602 Datasheet HTML 5Page - Texas Instruments TPS5602 Datasheet HTML 6Page - Texas Instruments TPS5602 Datasheet HTML 7Page - Texas Instruments TPS5602 Datasheet HTML 8Page - Texas Instruments TPS5602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPS5602
DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
SLVS217 – JUNE 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Independent Dual Channels
D Hysteretic Control for Fast Transient
Response
D 4.5-V to 25-V Input Voltage Range
D Adjustable Output Voltage Down to 1.2 V
D Synchronous Rectifier Enables Efficiencies
of >95%
D Minimized External Component Count
D Separate Standby Control and Over Current
Protection
D Low Supply Current... 0.8 mA Typ
D 30-Pin TSSOP
D Low Standby Current (1-µA maximum)
D EVM Available (TPS5602EVM-121)
description
The TPS5602 is a dual-channel synchronous
buck
switch-mode
power
supply
controller
featuring very fast feedback control and minimized component count. By using the hysteretic control method,
it is ideal for high-transient current applications, such as ’C6000 and multiple ’C54x DSPs. The TPS5602 is
designed specifically for DSP applications that require high efficiency. Since both channels are independent,
the up and down power sequencing can be easily achieved by properly setting the standby pins. The wide input
voltage and adjustable output voltage make the TPS5602 suitable for many applications.
typical design
R4
R1
+
C3
R3
R2
D1
C2
C1
GND
5 V
C7
L1
C4
R5
R6
OUT2
C8
L2
C5
OUT1
1.8 V
3.3 V
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
INV1
NC
SOFTSTART1
NC
CT
NC
GND
REF
STBY1
STBY2
VCC
COMP
SOFTSTART2
NC
INV2
LH1
OUT1_u
LL1
OUT1_d
OUTGND1
TRIP1
VCC SENSE
TRIP2
Vref5
REG5V_IN
OUTGND2
OUT2_d
LL2
OUT2_u
LH2
DBT PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - TPS5602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5602 TI2-TPS5602 Datasheet
848Kb / 26P
DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
JUNE 1999
TPS560200 TI1-TPS560200 Datasheet
950Kb / 18P
4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS560200 TI-TPS560200 Datasheet
912Kb / 18P
4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
TPS560200 TI1-TPS560200 Datasheet
992Kb / 22P
4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS560200 TI1-TPS560200 Datasheet
1Mb / 22P
4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
More results

Similar Description - TPS5602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS56100 TI-TPS56100 Datasheet
370Kb / 27P
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
logo
Fairchild Semiconductor
FAN5038 FAIRCHILD-FAN5038 Datasheet
84Kb / 15P
Dual Voltage Controller for DSP Power
logo
Maxim Integrated Produc...
MAX1761 MAXIM-MAX1761 Datasheet
473Kb / 23P
Small, Dual, High-Efficiency Buck Controller for Notebooks
19-1835; Rev 0; 10/00
logo
Analog Devices
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
High Efficiency Dual Output Power Supply Controller
4/04-Data Sheet changed from Rev. 0 to Rev. A
logo
Texas Instruments
TPS5102 TI1-TPS5102_08 Datasheet
1Mb / 34P
DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5602IDBT TI1-TPS5602IDBT Datasheet
954Kb / 27P
DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
logo
Analog Devices
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
High Efficiency Dual Output Power Supply Controller
REV. A
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
High Efficiency Dual Power Supply Controller
REV. 0
logo
Texas Instruments
TPS56100 TI1-TPS56100_16 Datasheet
535Kb / 30P
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com