Electronic Components Datasheet Search
  English  ▼

X  

TPS56100 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56100
Description  HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56100 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS56100 Datasheet HTML 17Page - Texas Instruments TPS56100 Datasheet HTML 18Page - Texas Instruments TPS56100 Datasheet HTML 19Page - Texas Instruments TPS56100 Datasheet HTML 20Page - Texas Instruments TPS56100 Datasheet HTML 21Page - Texas Instruments TPS56100 Datasheet HTML 22Page - Texas Instruments TPS56100 Datasheet HTML 23Page - Texas Instruments TPS56100 Datasheet HTML 24Page - Texas Instruments TPS56100 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TPS56100
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER
FOR 5-V INPUT SYSTEMS
SLVS201A – JUNE 1999 – REVISED JULY 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
slowstart timing (continued)
Set the slowstart timing using the formula:
C5
+
tss
5
R
VREFB
≅
tss
(5
R5)
Where
C5 = Slowstart capacitance in
µF
tSS = Slowstart timing in µs
RVREFB = Resistance from VREFB to GND in ohms (≈ R5)
hysteresis voltage
A hysteretic controller regulates by self-oscillation, thus requiring a small ripple voltage on the output which the
input comparator uses for sensing. Once selected, the TPS56100 hysteresis is proportional to the reference
voltage; programming Vref to a new value automatically adjusts the hysteresis to be the same percentage of
Vref. The actual output ripple voltage is the combination of the hysteresis voltage, overshoot caused by internal
delays, and the output capacitor characteristics. Figure 19 shows the hysteresis window voltage (VHI to VLO)
and the output voltage ripple (VMAX to VMIN). Since the output current from VREFB should be less than
500
µA, the total divider resistance (R4 + R5) should be greater than 7 kΩ. The hysteresis voltage should be
no greater than 60 mV so R5 will dominate the divider.
R4
R5
VHSYT
VREFB
Hysteresis Window = 2
× VR4
Figure 17. Hysteresis Divider Circuit
VO
VMAX
VMIN
VREF
VHI
VLO
t
Figure 18. Output Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com