Electronic Components Datasheet Search
  English  ▼

X  

3390 Datasheet(PDF) 13 Page - ASM GmbH

Part # 3390
Description  POWER ANALYZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3390 Datasheet(HTML) 13 Page - ASM GmbH

Back Button 3390 Datasheet HTML 8Page - ASM GmbH 3390 Datasheet HTML 9Page - ASM GmbH 3390 Datasheet HTML 10Page - ASM GmbH 3390 Datasheet HTML 11Page - ASM GmbH 3390 Datasheet HTML 12Page - ASM GmbH 3390 Datasheet HTML 13Page - ASM GmbH 3390 Datasheet HTML 14Page - ASM GmbH 3390 Datasheet HTML 15Page - ASM GmbH 3390 Datasheet HTML 16Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Accuracy
Noise measurement (FFT processing)
Number of channels
1 channel (Selects one channel from CH1 to CH4)
Measurement item
Voltage/current
Calculation type
RMS spectrum
Measurement
method
500 kHz/s sampling (Decimation after digital anti-aliasing filtering)
FFT processing
word length
32-bit
Number of FFT
points
1,000 points / 5,000 points / 10,000 points / 50,000 points (Linked to the
waveform display record length)
Anti-aliasing filter
Digital filter auto (Variable by the maximum analysis frequency)
Window function
Rectangular / Hanning / flat top
Data update rate
Within about 400 ms to 15 s depending on the number of FFT points, with gap
Maximum analysis
frequency
100kHz / 50kHz / 20kHz / 10kHz / 5kHz / 2kHz
Frequency
resolution
0.2 Hz to 500 Hz (Determined by the number of FFT points and the
maximum analysis frequency)
Noise value
measurement
Calculates the levels and frequencies of voltage and current peaks
(maximum values) for the top 10 points
MOTOR TESTING OPTION (Applicable to the 9791 and 9793)
Number of input
channels
3 channels
CH A: Analog DC input / frequency input (torque signal input)
CH B: Analog DC input / pulse input (rotation signal input)
CH Z: Pulse input (Z-phase signal input)
Input terminal form
Isolation type BNC connector
Input resistance (DC)
1 M Ω ±100 kΩ
Input method
Isolated input and differential input (No isolation between CH B and CH Z)
Measurement item
Voltage, torque, rotation, frequency, slip, motor output
Maximum input
voltage
±20 V (When analog / frequency / pulse)
Maximum rated
voltage to ground
50 V (50/60 Hz), measurement category I 50 V (Expected transient
overvoltage of 500 V)
Accuracy
guarantee period 6 months (One-year accuracy is the accuracy below x 1.5)
1. Analog DC input (CH A / CH B)
Measurement range
±1 V / ±5 V / ±10 V (When analog DC input )
Effective input range
1% to 110%f.s.
Sampling
10 kHz / 16-bit
Measurement
method
Simultaneous digital sampling and zero cross synchronization calculation
method (zero cross averaging)
Synchronization
source
Same as the 3390 power measurement input specification (Common for CH A
and CH B)
Accuracy
±0.1%rdg. ±0.1%f.s.
Temperature
coefficient
±0.03%f.s./°C
Effect of common
mode voltage
±0.01%f.s. or less when applying 50 V (DC 50/60 Hz) between the input
terminal and the 3390 case
Display range
Range’s zero suppress range setting to ±120%
Zero adjustment
Voltage ±10%f.s.
2. Frequency input (only for CH A)
Effective
amplitude range ±5Vpeak
Measurement range
100kHz
Band width
1kHz to 100kHz
Accuracy
±0.05%rdg.±3dgt.
Display range
1.000kHz to 99.999kHz
3. Pulse input (only for CH B)
Detection level
Low: 0.5 V or less, High: 2.0 V or more
Measurement band
1 Hz to 200 kHz (When duty ratio is 50%)
Frequency divider
setting range
1 to 60000
Measurement
frequency range
0.5 Hz to 5.0 kHz (Specified by the frequency at which the measurement
pulse is divided by the set frequency dividing number)
Minimum
detection width
2.5 μs or more
Accuracy
±0.05%rdg. ±3dgt.
4. Pulse input (only for CH Z)
Detection level
Low: 0.5 V or less, High: 2.0 V or more
Measurement band
0.1 Hz to 1 kHz
Minimum
detection width
2.5 μs or more
Setting
OFF / ON (When ON, a frequency divider circuit of CH B is cleared by a rising edge)
D/A OUTPUT OPTION (Applicable to the 9792 and 9793)
Number of output
channels
16 channels
Output content
Switchable between Waveform output / Analog output (selects from the
measurement items) * Waveform output is only for CH 1 to CH 8
Output terminal form
D-sub 25-pin connector × 1
D/A conversion
resolution
16-bit (Polarity + 15-bit)
Output voltage
Analog: DC ±5 Vf.s. (Max. about DC ±12V)
Waveform output: 2 Vrms f.s., crest factor: 2.5 or more
Accuracy
Analog output: Measurement accuracy ±0.2%f.s. (DC level)
Waveform output: Measurement accuracy ±0.5%f.s. (at RMS level, in
synchronization frequency range)
Accuracy
guarantee period 6 months (one-year accuracy is the above accuracy × 1.5)
Output update rate Analog output: 50 ms (As per the data update rate of the selected item)
Waveform output: 500 kHz
Output resistance
100 Ω ±5 Ω
Temperature
coefficient
±0.05%f.s./°C
Display
Display character
English / Japanese / Chinese (simplified characters)
Display
9-inch TFT color LCD display (800 × 480 pixels)
LCD backlight
ON / Auto OFF (1min / 5min / 10min / 30mim / 60min)
Display resolution
99999 counts (Integrated value: 999999 counts)
Display refresh rate 200 ms (Independent of internal data update rate; waveform and FFT
depend on the screen)
Display screen
Measurement, Setting, File Manipulation screens
External interfaces
1. USB Interface (Function)
Connector
Series Mini-B receptacle
Electrical
specification
USB2.0 (Full Speed / High Speed)
Number of ports
1
Class
Vendor specific (USB488h)
Destination
PC (Windows 2000 / XP / Vista (32-bit version))
Function
Data transfer, remote operation, command control
2. USB memory interface
Connector
USB type A connector
Electrical
specification
USB2.0
Power supply
Up to 500 mA
Number of ports
1
Applicable USB
memory
USB Mass Storage Class
Recordable items
Setting file: Save/Load
Measured value/recorded data: Copy (from the CF card data)
Waveform data: Save, screen hard copy
3. LAN interface
Connector
RJ-45 connector × 1
Electrical
specification
IEEE802.3 compliant
Transmission
method
10BASE-T / 100BASE-TX auto recognition
Protocol
TCP/IP
Function
HTTP server (remote operation), dedicated port (port transfer, command control)
4. CF card interface
Slot
TYPE I × 1
Usable card
Compact flash memory card (32 MB or more)
Applicable
memory capacity Up to 2 GB
Data format
MS-DOS format (FAT16 / FAT32)
Recordable
items
Setting file: Save / Load
Measured value / automatically recorded data: Save (in CSV format)
Waveform data: Save, screen hard copy
5. RS-232C interface
Method
RS-232C, EIA RS-232D, CCITT V.24, JIS X5101 compliant
Connector
D-sub 9-pin connector × 1
Destination
Printer / thermometer
Recordable
items
Full duplex asynchronous method
Data length: 8, parity: none, stop bit: 1,
Flow control: Hard flow, delimiter: CR+LF
Baud rate
2400, 9600, 19200, 38400 bps (2400 bps for thermometer)
6. Synchronization control interface
Terminal form
IN-side 9-pin round connector ×1, OUT-side 8-pin round connector x 1
Signal
5 V (CMOS level)
Maximum
allowable input
±20V
Signal delay
Up to 2 μs (Specified by the rising edge)
Functions
1. Setting
Rectification
switching
rms / mean (Selectable for the voltage/current of each connection)
rms: Displays the true RMS value (True RMS)
mean: Displays the average-value rectified RMS value
Auto range
OFF / ON (Voltage and current range is selectable for each connection)
Frequency
Voltage (U) / current (I) / active power(P)
0.5Hz to 30Hz
±0.4%rdg.±0.2%f.s.
30Hz to 400Hz
±0.3%rdg.±0.1%f.s.
400Hz to 1kHz
±0.4%rdg.±0.2%f.s.
1kHz to 5kHz
±1.0%rdg.±0.5%f.s.
5kHz to 10kHz
±2.0%rdg.±1.0%f.s.
10kHz to 13kHz
±5.0%rdg.±1.0%f.s.
* Not specified when the synchronization frequency is 4.3
kHz or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com