Electronic Components Datasheet Search
  English  ▼

X  

S3AS050520 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # S3AS050520
Description  MINI DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

S3AS050520 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  S3AS050520 Datasheet HTML 1Page - Premier Magnetics, Inc. S3AS050520 Datasheet HTML 2Page - Premier Magnetics, Inc. S3AS050520 Datasheet HTML 3Page - Premier Magnetics, Inc. S3AS050520 Datasheet HTML 4Page - Premier Magnetics, Inc. S3AS050520 Datasheet HTML 5Page - Premier Magnetics, Inc. S3AS050520 Datasheet HTML 6Page - Premier Magnetics, Inc. S3AS050520 Datasheet HTML 7Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
20381 Barents Sea Circle
Lake Forest, California 92630
Phone:
(949) 452-0511
Fax:
(949) 452-0512
M
P
Premier
Magnetics Inc.
Specifications subject to change without notice.
4
.020
(.508)
.100
(2.54)
.500
(12.70)
.770
(19.56)
MAX
.400
(10.16)
MAX
.120
(3.05)
MIN
.080
(2.0)
.010
(.25)
.240
(6.10)
MAX
WHITE DOT
DENOTES
PIN #1
.015
(0.38)
16
6
16
24
5
1.0 WATT MINI-SIP DC/DC CONVERTERS
FEATURES
!
1.0 Watt
"
Up To 80% Efficiency
#
Momentary Short Circuit Protection
$
Minature SIP Package
GENERAL SPECIFICATIONS
%
Efficiency ................................... 75% Typ.
%
Switching Frequency ............ 100KHz Typ.
%
Isolation Voltage ................1000Vdc min.
%
Operating Temperature ..... -25 to +80OC
INPUT SPECIFICATIONS
%
Voltage ............................... Per Table Vdc
%
Input Voltage Range ......................... ±10%
%
Input Filter ........................................... Cap
OUTPUT SPECIFICATIONS
%
Voltage ......................................... Per Table
%
Voltage Accuracy ............................... ±5%
%
Ripple & Noise 20MHz BW ............ 1% p-p
%
Load Regulation ................................ ±10%
PART
NUMBER
INPUT
VOLTAGE
(Vdc)
OUTPUT
CURRENT
(mA max.)
OUTPUT
VOLTAGE
(Vdc)
ELECTRICAL SPECIFICATIONS AT 25OC
P
M
S3AXXXXXXX
YYWW
SCHEMATIC DIAGRAM
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCHES (mm)
S3AS121507
12
15
66
S3AD121503
12
+ 15
+ 33
S3AS151507
15
15
66
S3AD151503
15
+ 15
+ 33
S3AS240520
24
5
200
S3AD240510
24
+ 5
+100
S3AS241208
24
12
84
S3AD241204
24
+ 12
+ 42
S3AS241507
24
15
66
S3AD241503
24
+ 15
+ 33
PIN
NUMBER
DUAL
OUTPUT
1
Vcc
Vcc
2
GND
GND
3
OMITTED
OMITTED
4
-Vout
N.C.
5
0 Vout
-Vout
6
+Vout
+Vout
SINGLE
OUTPUT
1
2
4
5
6
DC/DC CONVERTER
+IN
-IN
+OUT
-OUT COM
S3AS050520
5
5
200
S3AD050510
5
+ 5
+100
S3AS051208
5
12
84
S3AD051204
5
+ 12
+ 42
S3AS051507
5
15
66
S3AD051503
5
+ 15
+ 33
S3AS120520
12
5
200
S3AD120510
12
+ 5
+100
S3AS121208
12
12
84
S3AD121204
12
+ 12
+ 42
PART
NUMBER
INPUT
VOLTAGE
(Vdc)
OUTPUT
CURRENT
(mA max.)
OUTPUT
VOLTAGE
(Vdc)


Similar Part No. - S3AS050520

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
S3AS051217 PMI-S3AS051217 Datasheet
33Kb / 1P
2.00 WATT MINI-SIP DC/DC CONVERTERS 500Vdc ISOLATION
More results

Similar Description - S3AS050520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
Premier Magnetics, Inc.
S3AS051217 PMI-S3AS051217 Datasheet
33Kb / 1P
2.00 WATT MINI-SIP DC/DC CONVERTERS 500Vdc ISOLATION
logo
Murata Manufacturing Co...
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
Inductor Built-in Step-Down “mini DC/DC” Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com