Electronic Components Datasheet Search
  English  ▼

X  

PM-TRA21 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PM-TRA21
Description  DIL PACKAGE TOKEN RING ISOLATION TRANSFORMERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-TRA21 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PM-TRA21 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-TRA21 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
27111 Aliso Creek Road, Suite 175
AlisoViejo,California92656
Phone:
(714)362-4211
Fax:
(714)362-4212
M
P Premier
Magnetics Inc.
Specifications subject to change without notice.
21
DIP & SMD PACKAGE TOKEN RING TRANSFORMERS
FEATURES
Ê UTP / STP, 4 & 16mbt Applications
Í Fast Rise Times on All Units
Ë Low Insertion Loss (1-32MHz)
Î 2000Vrms Minimum Isolation Voltage
Ì Excellent CMMR of -60db Min. @ 1MHz
Ï Single or Dual Core DIP/SMD Packages
Package
&
Schematic
ELECTRICAL SPECIFICATIONS AT 25OC PER CORE
TURNS
RATIO
(± 5%)
PM-TRA20
1:1:2:2
125
10.0
10.0
.10
2000
.4
.8
A
PM-TRA21
1:1:1:1
125
10.0
10.0
.10
2000
.4
.4
A
PM-TRA22
1:1:1:1
1000
10.0
15.0
.25
2000
1.0 1.0
A
PM-TRX26
1:1:2:2
125
10.0
10.0
.10
2000
.4
.8
B & G
PM-TRX27
1:1:1:1
125
10.0
10.0
.10
2000
.4
.4
B & G
PM-TRX28
1:1:1:1
1000
10.0
15.0
.25
2000
1.0 1.0
B & G
PART
NUMBER
DCR
(Ohms Max.)
Pri
Sec
PRIMARY
OCL
(µµµµµH Typ.)
RISE
TIME
(ns Max.)
PRI-SEC
Cw/w
(pf Max.)
PRI / SEC
L
L
(µµµµµH Max.)
HIPOT
(Vrms Min)
DUAL CORE PACKAGE "B" (PM-TRBXX) 16-PIN THROUGH HOLE DIP
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRIMARY
SECONDARY
PRIMARY
SECONDARY
.500
(12.70)
MAX
.210
(5.33)
MAX
.120
(3.05)
MIN
.020 (.51)
.010 (.25)
.300
(7.62)
.340
(8.64)
.008R
(0.20)
.010
(0.25)
.280
(7.11)
MAX
.100
(2.54)
TYP
.020
(0.51)
TYP
.050
(1.27)
TYP
PIN#1
DOT
o
3 TYP
o
15 TYP
.010
(0.25)
TYP
.370 (9.40)
.020 (0.51) MIN.
.019
(0.48)
TYP
.050
(1.27)
TYP
.210
(5.33)
MAX
.280
(7.11)
MAX
.500
(12.70)
MAX
PIN#1
DOT
.010 (.25)
.004 (.10)
SINGLE CORE PACKAGE "A" (PM-TRAXX) 8-PIN THROUGH HOLE DIP
8
1
3
6
2
4
75
PRIMARY
SECONDARY
DUAL CORE PACKAGE "G" (PM-TRGXX) 16-PIN GULL-WING SURFACE MOUNT
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRIMARY
SECONDARY
PRIMARY
SECONDARY
(7.62)
.340
(8.64)
.008R
(0.20)
.010
(0.25)
.280
(7.11)
MAX
.120
(3.05)
MIN
.210
(5.33)
MAX
.020 (.51)
.010 (.25)
.100
(2.54)
TYP
.020
(0.51)
TYP
.050
(1.27)
TYP
.880
(22.35)
MAX
PIN#1
DOT
Fill in X with desired package:
B = 16-Pin Through Hole DIP
G = 16-Pin Gull-Wing SMD
INSERTION LOSS:
RETURN LOSS:
0.9 - 40MHz: 1.0dB Max.
1 - 8MHz: 22dB Min.
1.4 - 31MHz: 0.40dB Max.
8 - 16MHz: 20dB Min.
2.2 - 20MHz: 0.20dB Max.
16 - 24MHz: 18dB Min.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com