Electronic Components Datasheet Search
  English  ▼

X  

8826 Datasheet(PDF) 9 Page - ASM GmbH

Part # 8826
Description  MEMORY HiCORDER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

8826 Datasheet(HTML) 9 Page - ASM GmbH

Back Button 8826 Datasheet HTML 4Page - ASM GmbH 8826 Datasheet HTML 5Page - ASM GmbH 8826 Datasheet HTML 6Page - ASM GmbH 8826 Datasheet HTML 7Page - ASM GmbH 8826 Datasheet HTML 8Page - ASM GmbH 8826 Datasheet HTML 9Page - ASM GmbH 8826 Datasheet HTML 10Page - ASM GmbH 8826 Datasheet HTML 11Page - ASM GmbH 8826 Datasheet HTML 12Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Basic specifications 8826 (max. 16 input modules)
Input type/number
of channels
Plug-in input modules
Max. 32 analog chʼs + 32 logic chʼs
(Isolated analog channels, isolated input and frame, logic has common GND)
Measurement
functions
MEM (high-speed recording), REC (real-time recording), RMS (50/60Hz, or DC only),
REC & MEM (include the Real-time save function), FFT
Maximum
sampling rate
1 MS/second (1μs, all channels simultaneously)
External sampling (500kS/second, 2μs)
Memory capacity
16 Mwords total : (12 analog bits + 4 logic bits) × 4 Mwords/channel (4 channels
used) to (12 analog bits + 4 logic bits) × 500 kwords/channel (32 channels used)
* Memory capacity can be expanded 4 times.
Data storage media
PC Card Type III slot × 1: up to 1GB (Flash ATA)
FD drive × 1: 1.44MB, 1.2MB, 720KB, MS-DOS format
File format: Binary, text, BMP
Note: The optional MO UNIT 9598 is discontinued
Backup functions
(at 25°C/ 77°F)
Clock and setting conditions: battery life of at least 10 years
Waveform data: none
External control
connectors
Terminal board: external trigger input, trigger output, waveform judgment
output, external start/stop, print input, external sampling input.
Interfaces (option)
GP-IB, RS-232C, LAN
Note: Use one of the following: RS-232C CARD 9557, GP-IB CARD 9558, LAN CARD
(HIOKI-tested).
Remote control and transfer the data
Environmental conditions
(no condensation)
Operation: +5°C (41°F) to +40°C (104°F), 35% to 80% rh
Storage: -10°C (14°F) to +50°C (122°F), 20% to 90% rh
Compliance
standard
Safety: EN61010
EMC: EN61326, EN61000-3-2, EN61000-3-3
Power
requirements
100 to 240V AC (50/60 Hz)
Power consumption
(with 8936 full loaded)
300VA, max. for 100V AC (100VA with the printer off)
Dimensions and
mass
401mm (15.79in) W × 235mm (9.25in) H × 382mm (15.04in) D, 11kg
(388.0oz.) (main unit only)
Supplied
accessories
Instruction Manual × 1, Power cord × 1, Printer paper ×1, Protective
cover ×1, Roll paper attachment ×2, PC card protector ×1, Application
Disk (Wave Viewer Wv, Communication Commands table) ×1
Print/display section
Display
10.4 inch TFT color LCD, with English/Japanese selector (640 × 480
dots)
Recording paper
264 mm (10.39 in) × 30 m (98.4 ft), thermal paper roll
Recording width
20/24 divisions for full scale, 1 DIV = 10 mm (0.39 in) (80 dots)
Paper feed density
10 rows/mm (250 rows/in) * 20 rows/mm (500 rows/in with the memory
recorder's smooth print function
Recording speed
Max. 25 mm/s (0.98 in/s)
Trigger functions
Trigger sources
CH1 to CH32 (analog), CHA to CHH (logic), external, timer, manual
(either ON or OFF for each source)
, logical AND/OR of sources
Trigger types
(analog)
Level: Digital setting of voltage. Triggered when set value is
exceeded in UP or DOWN direction.
Window: When entering or exiting a level range defined by upper
or lower limit
Voltage drop: Only for AC power lines. Triggered when the peak
voltage falls below setting value
Period: When rising or falling edge of set voltage does not fall
within cycle range
RMS level: Only for DC and AC power lines. Triggered when rms
value crosses set value in UP or DOWN direction
Level setting resolution
Equivalent to 0.25% when full scale is set to 20 divisions
Trigger types
(logic)
Pattern trigger: 1, 0, or × (disregard), logical product (AND) or
logical sum (OR) set for 4 channels
Trigger filter
(analog/logic)
OFF, setting range 0.1 to 10.0 DIV; 9 ranges (MEM, MEM waveform in
REC & MEM function, FFT function)
, ON (10 ms)/OFF (REC function)
Other functions
Pre-trigger function to capture pre- and post-trigger waveform,
trigger output (active Low and open collector 5 voltage output),
Start & stop trigger in REC function
Memory functions
Time axis
100μs to 5min/DIV, 20 ranges or external sampling, time axis
resolution 100 points/DIV, time axis zoom: ×2 to ×10 in 3 stages,
compression: 1/2 to 1/10,000 in 12 stages
Sampling rate
1/100 of time axis ranges (minimum sampling period 1μs)
External sampling
Max. 500kS/s (minimum sampling period 2μs)
Recording length Settable in 1 DIV steps, 20 to 40,000 DIV*
1
*1 Depending on the number of channels in use. With memory expansion max. 160,000 DIV.
Pre-trigger
Can record data from before the trigger point, 0 to 100% or -95% of
recording length; 15 settings
Other functions
waveform processing, waveform parameter processing, waveform
averaging, memory segmentation (up to 255 segments), logging
(numerical printout)
, X-Y waveform plot, voltage axis zoom ×2 to ×
10, 3 settings, compression 1/2, zoom, variable display, graph
superimposition, waveform judgment function
Recorder functions (time axis waveform and X-Y format)
Time axis
20ms to 1 hr/DIV with 16 ranges, time axis resolution 100 points/
DIV, time axis compression: 1/2 to 1/500 in 8 stages
At 20ms to 200ms/DIV, printing in real time is not possible, but waveform data are stored in
memory and can be monitored on screen. Data are stored for 2,000 divisions before the end
of measurement. At recording length settings other than "Continuous", the printer can be
used simultaneously, for follow-up printing of waveforms.
Sampling rate
1μs to 100ms; 6 settings (selectable from 1/100 or less of time axis)
Recording length
Settable in 1 DIV steps, 25 to 2,000 DIV*2, or "Continuous"*3
At X-Y format: only continuous for X-Y plotting
*2 Measure all channels. 10,000 DIV at expanded memory.
*3 When time 20 ms − 200 ms/DIV and printer is ON, continuous is not available.
X-Y sampling period
500μs; fixed (dot), 500μs to 18ms (line)
X-Y axis resolution
20dots/DIV (display), 100dots (horizontal) × 80 dots (vertical)/DIV (printer)
Waveform memory
Store data for most recent 2,000 DIV (10,000 DIV at expanded memory)
in memory. Backward scrolling and re-printing available.
Other functions
logging (numerical printout), additional recording (recording is resumed
without overwriting previous data), voltage axis magnification ×2 to ×10;
3 settings, compression 1/2; 1 setting, variable display.
Auxiliary Functions
General
Printing of settings including input range, trigger time, etc, cursor
measurement, scaling, free comment input, screen hard copy, start
condition retention, auto setup, auto saving, remote control, auto
ranging, view function, online help, key lock, list printing, level
monitor, etc.
Scaling
Scaling: Translation of amplitude gradation only
Variable: Arbitrary setting of the upper and lower limit of the
waveform display range
Vernier function
Allows precision adjustment of input voltage.
Waveform judgment
function
(MEM function)
(FFT function)
Type: Area judgment using reference waveform for time axis
waveform, X-Y plot, or FFT display. Parameter judgment for
waveform parameter processing. Judgment output: pass/fail
output, open-collector 5V voltage output
Waveform parameter
calculation
(MEM function)
Average value, effective (rms) value, peak to peak value, maximum
value, time to maximum value, minimum value, time to minimum
value, period, frequency, rise time, fall time, standard deviation,
area value, and X-Y area value.
Waveform processing
calculations
(MEM function)
(Maximum possible calculation up to 1,000 DIV, or 5,000 DIV at expanded memory;
accuracy is within the tolerance of the input module.)
Four arithmetic operations, absolute value, exponentiation, common
logarithm, square root, moving average, differentiation once and
twice, integration once and twice, parallel displacement along the
time axis, trigonometric functions, reverse trigonometric functions.
16 arbitrary operational equation.
RMS Recorder Function (for 50/60 Hz and DC)
Time axis
5s to 1 hr/DIV; 9 settings, time axis compression 1/2 to 500; 8 settings
Sampling rate
200μs fixed (20 rms datas/s)
RMS calculation accuracy
±3% f.s.
Recording length
Settable in 1 DIV steps, 25 to 2,000 DIV*4 (10,000 DIV at expanded
memory)
or "Continuous"
*4 Measure all channels.
Waveform memory
Store data for most recent 2,000 DIV (10,000 DIV at expanded memory)
in memory. Backward scrolling and re-printing available.
Other functions
logging (numerical printout), additional recording (recording is resumed
without overwriting previous data), voltage axis magnification ×2 to ×10;
3 settings, compression 1/2; 1 setting, variable display.
Thermal printer: 264 mm in
width, 8 dots/mm
PC card slot
External control connector
Top side
■
Main unit
Waveform monitor (color TFT LCD)
Note: The optional MO drive unit is discontinued
Dial knob with analog sensibility
Thermal printer
Logic probe connection (for 8 units)
Input module slots (for 16 modules)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com