Electronic Components Datasheet Search
  English  ▼

X  

PM-CS02 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-CS02
Description  PM-CSXX CURRENT SENSE TRANSFORMERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-CS02 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-CS02 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-CS02 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-CS02 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
PM-CSXX
CURRENT SENSE
TRANSFORMERS
RoHS
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-40OC TO +80OC
SCHEMATIC
MECHANICAL
*
Designed for Switch Mode Power Supply Applications * Tapped and Untapped Versions
*
Frequency Range from 10KHz to 200KHz
*
2500Vrms Minimum Isolation Voltage
*
Fully Encapsulated Construction
*
Primary Lead Included
PART
NUMBER
TURNS
N
S
+ 1%
INDUCTANCE
L
S
(mHMin.)
CONTROL VALUES
DCR
R
S
(Ohms Max.)
REFERENCE VALUES
I
PK
(Amps)
R
T
(Ohms)
K
V
(Volt/Amp)
DROOP
(%)
FLUX
FACTOR
K
B
LOSS
FACTOR
K
L
CALC. VALUES
SCHEMATIC
PM-CS01
50
5.0
0.70
35
15
0.30
2.4
273.97x103 3.31x10-9
A
PM-CS02
100
20.0
1.40
50
50
0.50
2.0
68.49x103
3.33x10-9
A
PM-CS03
200
80.0
4.50
50
200
1.00
2.0
17.12x103
3.35x10-9
A
PM-CS04
300
180.0
11.00
75
300
1.00
1.4
7.61x103
3.37x10-9
A
PM-CS05
50ct
5.0
0.50
35
15
0.30
2.4
273.97x103 3.31x10-9
B
PM-CS06
100ct
20.0
1.00
50
50
0.50
2.0
68.49x103
3.33x10-9
B
PM-CS07
200ct
80.0
2.00
50
200
1.00
2.0
17.12x103
3.35x10-9
B
PM-CS08
300ct
180.0
3.00
75
300
1.00
1.4
7.61x103
3.37x10-9
B
REFER TO CALCULATION EXAMPLE FOR PM-CSXX SERIES ON PAGE 2 OF THIS DATA SHEET.
1) REFERENCE VALUES ARE FOR UNIPOLAR OPERATION @ 50KHz, 40% DUTY CYCLE (Dmax = .40).
2) THE MAXIMUM USABLE PEAK SENSE CURRENT (I
pk
) IS DEPENDENT ON CORE SATURATION FACTORS AND SHOULD BE
EVALUATED FOR THE ACTUAL OPERATING CONDITIONS. SEE APPLICATION DATA AND EXAMPLE ON PAGE 51.
3) THE MAXIMUM RECOMMENDED OPERATING FLUX DENSITY (B
OP
) @ AN OPERATING TEMPERATURE OF 105OC IS 2000 GAUSS.
4) THE TERM. RESISTOR (R
t
) CAN BE VARIED TO ADJUST THE OPERATING FLUX DENSITY (B
OP
), DROOP, AND SCALE FACTOR (K
V
).
5) THE SCALE FACTOR (K
V
) IS PROPORTIONAL TO THE TERMINATING RESISTOR (R
T
) AND IS EQUAL TO 1VOLT/AMP WHEN R
T
= N
S
6) SECONDARY INDUCTANCE IS MEASURED AT 20KHz, 1.0VRMS.
PHYSICAL Dimensions in inches (mm)
SCHEMATIC "A"
SCHEMATIC "B"
.700
(17.78)
TYP.
.700
(17.78)
MAX.
.900
(22.86)
MAX.
.700
(17.78)
MAX.
.250
(6.35)
TYP.
.250
(6.35)
TYP.
.150
(3.81)
MIN.
1
2
3
4
5
2
5
∅
PINS 1 & 2
.052
(1.3)
∅
PINS 3 - 5
.032
(0.8)
P
M
PM-CSXX
YYWW
1
2
3
4
5
WHITE DOT
DENOTES PIN #1
1 TURN
PRIMARY
1
2
3
4
5
WHITE DOT
DENOTES PIN #1
1 TURN
PRIMARY
UNUSED PINS MAY BE OMITTED


Similar Part No. - PM-CS02

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-CI01 PMI-PM-CI01 Datasheet
31Kb / 2P
PM-CIXX CURRENT SENSE INDUCTORS
PM-CI02 PMI-PM-CI02 Datasheet
31Kb / 2P
PM-CIXX CURRENT SENSE INDUCTORS
PM-CI03 PMI-PM-CI03 Datasheet
31Kb / 2P
PM-CIXX CURRENT SENSE INDUCTORS
PM-CI04 PMI-PM-CI04 Datasheet
31Kb / 2P
PM-CIXX CURRENT SENSE INDUCTORS
PM-CI05 PMI-PM-CI05 Datasheet
31Kb / 2P
PM-CIXX CURRENT SENSE INDUCTORS
More results

Similar Description - PM-CS02

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP151XXX PCA-EP151XXX Datasheet
14Kb / 1P
Current Sense Transformers
logo
Premier Magnetics, Inc.
PM-CI01 PMI-PM-CI01 Datasheet
31Kb / 2P
PM-CIXX CURRENT SENSE INDUCTORS
logo
PCA ELECTRONICS INC.
EPC3108G-125 PCA-EPC3108G-125_07 Datasheet
25Kb / 1P
Current Sense Transformers
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST206-1T TRIAD-CST206-1T Datasheet
86Kb / 1P
Current Sense Transformers
CST206-3A TRIAD-CST206-3A Datasheet
85Kb / 1P
Current Sense Transformers
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
Current Sense Transformers
logo
Coilcraft lnc.
CST7030 COILCRAFT-CST7030 Datasheet
173Kb / 2P
Current Sense Transformers
CST2010 COILCRAFT-CST2010 Datasheet
182Kb / 2P
Current Sense Transformers
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
Current Sense Transformers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com