Electronic Components Datasheet Search
  English  ▼

X  

TPS60141 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60141
Description  LOW POWER DC-DC CONVERTER REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60141 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS60141 Datasheet HTML 9Page - Texas Instruments TPS60141 Datasheet HTML 10Page - Texas Instruments TPS60141 Datasheet HTML 11Page - Texas Instruments TPS60141 Datasheet HTML 12Page - Texas Instruments TPS60141 Datasheet HTML 13Page - Texas Instruments TPS60141 Datasheet HTML 14Page - Texas Instruments TPS60141 Datasheet HTML 15Page - Texas Instruments TPS60141 Datasheet HTML 16Page - Texas Instruments TPS60141 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TPS60140, TPS60141
LOW POWER DC-DC CONVERTER
REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
SLVS273– FEBRUARY 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
capacitor selection (continued)
Table 2. Recommended Capacitor Values
IO
(mA)
Ci
(
µF)
C(xF)
(
µF)
Co
(
µF)
VPPTYP
(mV)
0 – 50
4.7
2.2
4.7
40
0 – 100
4.7
2.2
10
40
0 – 100
4.7
2.2
22
18
If the measured output voltage ripple is too high for the application, improvements can be made. The first step
is to increase the capacitance at the output. If the ripple is still too high, the second step would be to increase
the capacitance at the input. For lower output currents, lower value flying capacitors can be used. Tables 3 and
4 lists the manufacturers of recommended capacitors.
Table 3. Recommended Capacitors
MANUFACTURER
PART NUMBER
CAPACITANCE
CASE SIZE
TYPE
Taiyo Yuden
LMK212BJ105KG–T
1
µF
0805
Ceramic
LMK212BJ225MG–T
2.2
µF
0805
Ceramic
LMK316BJ475KL–T
4.7
µF
1206
Ceramic
LMK325BJ106MN–T
10
µF
1210
Ceramic
LMK432226MM–T
22
µF
1812
Ceramic
AVX
0805ZC105KAT2A
1
µF
0805
Ceramic
1206ZC225KAT2A
2.2
µF
1206
Ceramic
NOTE: Case code compatibility with EIA 535BAAC and CECC30801 molded chips.
Table 4. Recommended Capacitor Manufacturers
MANUFACTURER
CAPACITOR TYPE
INTERNET SITE
Taiyo Yuden
X7R/X5R ceramic
http://www.t–yuden.com/
AVX
X7R/X5R ceramic
http://www.avxcorp.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com