Electronic Components Datasheet Search
  English  ▼

X  

TPS60200 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60200
Description  REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60200 Datasheet(HTML) 2 Page - Texas Instruments

  TPS60200 Datasheet HTML 1Page - Texas Instruments TPS60200 Datasheet HTML 2Page - Texas Instruments TPS60200 Datasheet HTML 3Page - Texas Instruments TPS60200 Datasheet HTML 4Page - Texas Instruments TPS60200 Datasheet HTML 5Page - Texas Instruments TPS60200 Datasheet HTML 6Page - Texas Instruments TPS60200 Datasheet HTML 7Page - Texas Instruments TPS60200 Datasheet HTML 8Page - Texas Instruments TPS60200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS60200, TPS60201, TPS60202, TPS60203
REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP
LOW POWER DC/DC CONVERTERS
SLVS274 – MARCH 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The devices operate in the newly developed LinSkip mode. In this operating mode, the device switches
seamlessly from the power saving pulse-skip mode at light loads to the low-noise constant-frequency,
linear-regulation mode once the output current exceeds the LinSkip threshold of about 7-mA. Even in pulse-skip
mode the output ripple is maintained at a very low level because the output resistance of the charge pump is
still regulated.
Three operating modes can be programmed using the EN pin. EN = low disables the device, shuts down all
internal circuits and disconnects the output from the input. EN = high enables the device and programs it to run
from the internal oscillator. The devices operate synchronized to an external clock signal if EN is clocked; thus
switching harmonics can be controlled and minimized. The devices include a low-battery detector that issues a
warning if the battery voltage drops below a user-defined threshold voltage or a power-good detector that goes
active when the output voltage reaches about 90% of its nominal value.
Device options with either a low-battery or power good detector are available. This dc/dc converter requires no
inductors therefore EMI of the system is reduced to a minimum. It is available in the small 10-pin MSOP package
(DGS).
DGS PACKAGES
1
2
3
4
5
10
9
8
7
6
LBI
GND
C1–
C1+
OUT
LBO
EN
C2–
IN
C2+
TPS60200,
TPS60202
1
2
3
4
5
10
9
8
7
6
GND
GND
C1–
C1+
OUT
PG
EN
C2–
IN
C2+
TPS60201,
TPS60203
AVAILABLE OPTIONS
TA
PART NUMBER†
MARKING
DGS
PACKAGE
OUTPUT
CURRENT
(mA)
OUTPUT
VOLTAGE
(V)
DEVICE FEATURES
TPS60200DGS
AEX
100
3.3
Low-battery detector
–40
°Cto85°C
TPS60201DGS
AEY
100
3.3
Power-good detector
– 40
°C to 85°C
TPS60202DGS
AEZ
50
3.3
Low-battery detector
TPS60203DGS
AFA
50
3.3
Power-good detector
† The DGS package is available taped and reeled. Add R suffix to device type (e.g. TPS60200DGSR) to order
quantities of 3000 devices per reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com