Electronic Components Datasheet Search
  English  ▼

X  

BD179 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BD179
Description  Plastic Medium Power Silicon NPNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD179 Datasheet(HTML) 2 Page - Motorola, Inc

  BD179 Datasheet HTML 1Page - Motorola, Inc BD179 Datasheet HTML 2Page - Motorola, Inc BD179 Datasheet HTML 3Page - Motorola, Inc BD179 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD179 BD179-10
2
Motorola Bipolar Power Transistor Device Data
Figure 1. Active Region Safe Operating Area
10
2.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.1
3.0
5.0 7.0
10
20
30
50
100
SECONDARY BREAKDOWN LIMITATION
THERMAL LIMITATION
(BASE–EMITTER DISSIPATION IS
SIGNIFICANT ABOVE IC = 2.0 AMP)
PULSE DUTY CYCLE < 10%
70
0.3
0.2
TJ = 150°C
dc
5.0 ms
1.0
100
µs
1.0 ms
The Safe Operating Area Curves indicate IC – VCE limits
below which the device will not enter secondary breakdown.
Collector load lines for specific circuits must fall within the ap-
plicable Safe Area to avoid causing a catastrophic failure. To
insure operation below the maximum TJ, power–temperature
derating must be observed for both steady state and pulse
power conditions.
Figure 2. Collector Saturation Region
IB, BASE CURRENT (mA)
1.0
0
0.2
0.8
0.6
0.4
0.2
1.0
2.0
10
30
50
200
IC = 0.1 A
0.25 A
1.0 A
0.5 A
0.3
0.5
100
20
3.0
5.0
TJ = 25°C
1000
Figure 3. Current Gain
IC, COLLECTOR CURRENT (mA)
10
100
TJ = + 150°C
TJ = + 55°C
VCE = 2.0 V
700
500
300
200
70
50
30
20
TJ = + 25°C
3.0 5.0
10
20 30
50
2000
2.0
100
200
1000
300 500
Figure 4. “On” Voltages
0
1.5
3.0 5.0
10
20 30
50
2000
2.0
100
200
1000
300 500
1.2
0.9
0.6
0.3
IC, COLLECTOR CURRENT (mA)
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 2.0 V
Figure 5. Thermal Response
t, TIME or PULSE WIDTH (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20
30
50
100
200 300
1000
500
θJC(t) = r(t) θJC
θJC = 4.16°C/W MAX
θJC = 3.5°C/W TYP
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
D = 0.2
D = 0.1
D = 0.05
D = 0.01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com