Electronic Components Datasheet Search
  English  ▼

X  

TPS6734IP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6734IP
Description  FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS6734IP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS6734IP Datasheet HTML 2Page - Texas Instruments TPS6734IP Datasheet HTML 3Page - Texas Instruments TPS6734IP Datasheet HTML 4Page - Texas Instruments TPS6734IP Datasheet HTML 5Page - Texas Instruments TPS6734IP Datasheet HTML 6Page - Texas Instruments TPS6734IP Datasheet HTML 7Page - Texas Instruments TPS6734IP Datasheet HTML 8Page - Texas Instruments TPS6734IP Datasheet HTML 9Page - Texas Instruments TPS6734IP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TPS6734I
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
SLVS127A – AUGUST 1995 – REVISED JANUARY 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage
2.7
5
12
V
Compensation capacitor
0.001
µF
Output current at REF
0
100
µA
Reference capacitor
0.01
µF
Operating free-air temperature, TA
–40
85
°C
electrical characteristics over recommended operating free-air temperature range, VCC = 5 V,
IO(LOAD) = 0 mA, EN = 5 V, typical values are at TA = 25°C (unless otherwise noted) (refer to circuit
shown in Figure 13)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating
Entire circuit
1.2
2.5
mA
Supply current
Standby
EN = 0.4 V, entire circuit
3
µA
Standby
EN = 0.4 V, into VCC
3
µA
High-level input threshold voltage at EN
2
V
Low-level input threshold voltage at EN
0.4
V
Shutdown input leakage current at EN
–1
1
µA
On resistance at OUT
Current at OUT = 500 mA
0.7
Ω
Leakage current at OUT
VDS = 12 V
1
µA
Reference voltage
1.22
V
Reference drift
TA = – 40°C to 85°C
6.7
ppm/
°C
Oscillator frequency
170
kHz
Compensation pin impedance
7500
Ω
performance characteristics over recommended operating free-air temperature range, typical
circuit connected as shown in Figure 13, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output voltage
VCC = 4.75 V,
0 mA < IO(LOAD) < 120 mA
11.64
12.12
12.6
V
Load current
VCC = 3.75 V
120
150
mA
Load current
VCC = 3.0 V,
Figure 11
150
mA
Line regulation
VCC = 5 V to 12 V,
IO(LOAD) = 50 mA
0.20%
Load regulation
IO(LOAD) = 0 mA to 120 mA
0.0042%
Efficiency
VCC = 5 V,
IO(LOAD) = 120 mA
86%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com