Electronic Components Datasheet Search
  English  ▼

X  

TPS6735P Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS6735P
Description  FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS6735P Datasheet(HTML) 3 Page - Texas Instruments

  TPS6735P Datasheet HTML 1Page - Texas Instruments TPS6735P Datasheet HTML 2Page - Texas Instruments TPS6735P Datasheet HTML 3Page - Texas Instruments TPS6735P Datasheet HTML 4Page - Texas Instruments TPS6735P Datasheet HTML 5Page - Texas Instruments TPS6735P Datasheet HTML 6Page - Texas Instruments TPS6735P Datasheet HTML 7Page - Texas Instruments TPS6735P Datasheet HTML 8Page - Texas Instruments TPS6735P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TPS6735
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
SLVS141A – JULY 1996 – REVISED JANUARY 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
chip information
These chips, when properly assembled, display characteristics similar to the TPS6735. Thermal compression
or ultrasonic bonding may be used on the doped aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform.
75
82
88
8
1
2
3
45
5
TPS6735Y
(1)
(2)
(3)
(8)
(7)
(6)
EN
REF
SS
OUT
FB
VCC
GND
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
6
7
7
(4)
(5)
COMP
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
EN
1
Enable. EN > 2 V turns on the TPS6735. EN
≤ 0.4 V turns it off.
REF
2
1.22-V reference voltage output. REF can source 125
µA for external loads.
SS
3
Soft start. A capacitor between SS and GND brings the output voltage up slowly.
COMP
4
Compensation. A capacitor to ground stabilizes the feedback loop.
FB
5
Feedback. FB connects to the dc/dc converter output.
GND
6
Ground
OUT
7
Power MOSFET drain connection
VCC
8
Supply-voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com