Electronic Components Datasheet Search
  English  ▼

X  

TPS6755P Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS6755P
Description  ADJUSTABLE INVERTING DC/DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS6755P Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS6755P Datasheet HTML 8Page - Texas Instruments TPS6755P Datasheet HTML 9Page - Texas Instruments TPS6755P Datasheet HTML 10Page - Texas Instruments TPS6755P Datasheet HTML 11Page - Texas Instruments TPS6755P Datasheet HTML 12Page - Texas Instruments TPS6755P Datasheet HTML 13Page - Texas Instruments TPS6755P Datasheet HTML 14Page - Texas Instruments TPS6755P Datasheet HTML 15Page - Texas Instruments TPS6755P Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TPS6755
ADJUSTABLE INVERTING DC/DC CONVERTER
SLVS155A – NOVEMBER 1996 REVISED DECEMBER 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Optional
Low-Pass Output Filter
22
µH
22
µF
+
EN
REF
SS
COMP
VCC
OUT
GND
FB
TPS6755ID
1
2
3
4
8
7
6
5
C4
82 pF
C3
10
µF
+
R1
130 k
Ω
R2
300 k
Ω
C1
47
µF
R3
10 k
Ω
C5
1
µF
L1
10
µH
D1
1N5817
1 A, 20 V
+
C2
100
µF/10 V
VO
VI
ENABLE
+
C6
0.1
µF
R5
R4
R4 (k
Ω)
42.2
16.7
75.2
R5 (k
Ω)
10.2
10.2
10.2
VO (V)
–5
–2
–9
Figure 15. Application Circuit
Table 1. Bill of Materials
QTY
DESCRIPTION
REF
DES
MANUFACTURER
PART NO.
MANUFACTURER
1
IC
Power supply
U1
TPS6755ID
Texas Instruments
1
Diode
Schottky
D1
1N5817GI
General Instrument
1
Inductor
10
µH
L1
DO1608C-103
CD54-100
Coilcraft, Sumida
1
Capacitor
47
µF tantalum
16 V
7343
C1
593D476X9016D2W
TPSD476K016R0100
Sprague, AVX
1
Capacitor
100
µF tantalum
10 V
7343
C2
593D107X9010D2W
TPSD107D016R0100
Sprague, AVX
1
Capacitor
10
µF tantalum
10 V
3528
C3
293D106X0010B2W
267E 1002 106
Sprague, MATSUO
1
Capacitor
82 pF ceramic
50 V
0805
C4
1
Capacitor
1
µF ceramic
16 V
1206
C5
1
Capacitor
0.1
µF ceramic
50 V
0805
C6
1
Resistor
130 k
Ω
0805
R1
1
Resistor
300 k
Ω
0805
R2
1
Resistor
10 k
Ω
0805
R3
1
Resistor
42.2 k
Ω
1%
0805
R4
1
Resistor
10.2 k
Ω
1%
0805
R5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com