Electronic Components Datasheet Search
  English  ▼

X  

TPS70748 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS70748
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70748 Datasheet(HTML) 2 Page - Texas Instruments

  TPS70748 Datasheet HTML 1Page - Texas Instruments TPS70748 Datasheet HTML 2Page - Texas Instruments TPS70748 Datasheet HTML 3Page - Texas Instruments TPS70748 Datasheet HTML 4Page - Texas Instruments TPS70748 Datasheet HTML 5Page - Texas Instruments TPS70748 Datasheet HTML 6Page - Texas Instruments TPS70748 Datasheet HTML 7Page - Texas Instruments TPS70748 Datasheet HTML 8Page - Texas Instruments TPS70748 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TPS70745, TPS70748, TPS70751, TPS70758, TPS70702
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
SLVS291 – MAY 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The TPS707xx family of voltage regulators offers very low dropout voltage and dual outputs with power up
sequence control, which is designed primarily for DSP applications. These devices have extremely low noise
output performance without using any added filter bypass capacitors and are designed to have a fast transient
response and be stable with 10 uF low ESR capacitors.
These devices have fixed 3.3-V/2.5-V, 3.3-V/1.8-V, 3.3-V/1.5-V, 3.3-V/1.2-V, and adjustable/adjustable voltage
options. Regulator 1 can support up to 250 mA and regulator 2 can support up to 125 mA. Separate voltage
inputs allow the designer to configure the source power.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 83 mV
on regulator 1) and is directly proportional to the output current. Additionally, since the PMOS pass element is
a voltage-driven device, the quiescent current is very low and independent of output loading (maximum of
230
µA over the full range of output current). This LDO family also features a sleep mode; applying a high signal
to EN (enable) shuts down both regulators, reducing the input current to 1
µA at TJ = 25°C.
The device is enabled when the EN pin is connected to a low-level input voltage. The output voltages of the two
regulators are sensed at the VSENSE1 and VSENSE2 pins respectively.
The input signal at the SEQ pin controls the power-up sequence of the two regulators. When the device is
enabled and the SEQ terminal is pulled high or left open, VOUT2 will turn on first and VOUT1 will remain off until
VOUT2 reaches approximately 83% of its regulated output voltage. At that time VOUT1 will be turned on. If VOUT2
is pulled below 83% (i.e. over load condition) VOUT1 will be turned off. Pulling the SEQ terminal low, reverses
the power-up order and VOUT1 will be turned on first. The SEQ pin is connected to an internal pullup current
source.
For each regulator, there is an internal discharge transistor to discharge the output capacitor when the regulator
is turned off(disabled).
The PG1 pin reports the voltage conditions at VOUT1. Power good can be used to implement a SVS for the
circuitry supplied by regulator 1.
The TPS707xx features a RESET (SVS, POR, or Power On Reset). RESET output initiates a reset in DSP
systems and related digital applications in the event of an undervoltage condition. RESET indicates the status
of VOUT2 and both manual reset pins (MR1 and MR2). When VOUT2 reaches 95% of its regulated voltage and
MR1 and MR2 are in the logic high state, RESET will go to a high impedance state after 120 ms delay. RESET
will go to logic low state when VOUT2 regulated output voltage is pulled below 95% (i.e. over load condition) of
its regulated voltage. To monitor VOUT1 , the PG1 output pin can be connected to MR1 or MR2.
The device has an undervoltage lockout UVLO circuit which prevents the internal regulators from turning on until
VIN1 reaches 2.5V.
AVAILABLE OPTIONS
TJ
REGULATOR 1
VO (V)
REGULATOR 2
VO (V)
TSSOP
(PWP)
3.3 V
1.2 V
TPS70745PWP
3.3 V
1.5 V
TPS70748PWP
–40
°Cto125°C
3.3 V
1.8 V
TPS70751PWP
– 40
°C to 125°C
3.3 V
2.5 V
TPS70758PWP
Adjustable
(1.22 V to 5.5 V)
Adjustable
(1.22 V to 5.5 V)
TPS70702PWP
NOTE: The TPS70702 is programmable using external resistor dividers (see
application information) The PWP package is available taped and reeled. Add
an R suffix to the device type (e.g., TPS70702PWPR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com