Electronic Components Datasheet Search
  English  ▼

X  

VTK-01005 Datasheet(PDF) 4 Page - Premier Magnetics, Inc.

Part # VTK-01005
Description  SENDUST TOROIDAL POWER INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

VTK-01005 Datasheet(HTML) 4 Page - Premier Magnetics, Inc.

  VTK-01005 Datasheet HTML 1Page - Premier Magnetics, Inc. VTK-01005 Datasheet HTML 2Page - Premier Magnetics, Inc. VTK-01005 Datasheet HTML 3Page - Premier Magnetics, Inc. VTK-01005 Datasheet HTML 4Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
4
SENDUST
TOROIDAL
POWER INDUCTORS
+
D2
MUR610CT
C2
1000uF
35V
RTN
Vout DC
+
C3
220uF
25V
R4
20.0K 1%
R5
10.0K 1%
SECONDARY
VTK/HTK-XXXX
XXuH @ X.XA
A
STRIPPED & TINNED
.01 TO .12 ABOVE
SEATING PLANE
C
B
0.5
TYP
EPOXY
HOLDS WIRE
EPOXY
HOLDS WIRE
A
STRIPPED & TINNED
.01 TO .12 ABOVE
SEATING PLANE
C
B
0.5 TYP
VTK-XXXX MECHANICAL
HTK-XXXXXOUTLINE
HORIZONTALMOUNT
VARIATIONSAVAILABLE.FORINTERMEDIATEVALUESAND/ORCUSTOMDESIGNSPLEASE
CONSULTTHEFACTORY.
SCHEMATIC
HORIZONTAL OR VERTICAL MOUNT:
Table Part Numbers are Vertical Mount.
Change the "V" to "H" for Horizontal Mount.
Example:
VTK-05001 = Vertical Mount 50uH, 1.0Adc
HTK-05001 = Horizontal Mount 50uH, 1.0Adc
VTK-XXXXXOUTLINE
VERTICALMOUNT
P
M HTK-XXXXX
P
M VTK-XXXXX
HTK-XXXXMECHANICAL
SCHEMATIC
APPLICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com