Electronic Components Datasheet Search
  English  ▼

X  

TPS70702 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS70702
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70702 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS70702 Datasheet HTML 17Page - Texas Instruments TPS70702 Datasheet HTML 18Page - Texas Instruments TPS70702 Datasheet HTML 19Page - Texas Instruments TPS70702 Datasheet HTML 20Page - Texas Instruments TPS70702 Datasheet HTML 21Page - Texas Instruments TPS70702 Datasheet HTML 22Page - Texas Instruments TPS70702 Datasheet HTML 23Page - Texas Instruments TPS70702 Datasheet HTML 24Page - Texas Instruments TPS70702 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
VOUT2
VIN1
VIN2
EN
SEQ
VOUT1
VSENSE1
PG1
MR2
RESET
MR1
VSENSE2
VOUT2
TPS707xxPWP
(Fixed Output Option)
VI
VOUT1
MR1
0.1
µF
RESET
10
µF
10
µF
0.1
µF
MR2
EN
>2 V
<0.7 V
250 k
Ω
TPS70745, TPS70748, TPS70751, TPS70758, TPS70702
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
SLVS291 – MAY 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
sequencing timing diagrams
The following figures provide a timing diagram of how this device functions in different configurations.
application conditions not shown in block diagram:
VIN1 and VIN2 are tied to the same fixed input
voltage greater than the VUVLO; SEQ is tied to
logic low; PG1 is tied to MR2; MR1 is left
unconnected and is therefore at logic high.
explanation of timing diagrams:
EN is initially high; therefore, both regulators are
off and PG1 and RESET are at logic low. With
SEQ at logic low, when EN is taken to logic low,
VOUT1 turns on. VOUT2 turns on after VOUT1
reaches 83% of its regulated output voltage.
When VOUT1 reaches 95% of its regulated output
voltage, PG1 (tied to MR2) goes to logic high.
When both VOUT1 and VOUT2 reach 95% of their
respective regulated output voltages and both
MR1 and MR2 (tied to PG1) are at logic high,
RESET is pulled to logic high after a 120 ms delay.
When EN is returned to logic high, both devices
power down and both PG1 (tied to MR2) and
RESET return to logic low.
83%
95%
120 ms
EN
VOUT2
VOUT1
PG1
MR1
MR2
(MR2 tied to PG1)
RESET
SEQ
95%
83%
NOTE A: t1 – Time at which both VOUT1 and VOUT2 are greater than the PG thresholds and MR1 is logic high.
t1
(see Note A)
Figure 36. Timing When SEQ = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com