Electronic Components Datasheet Search
  English  ▼

X  

TPS7201Q Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS7201Q
Description  MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7201Q Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS7201Q Datasheet HTML 24Page - Texas Instruments TPS7201Q Datasheet HTML 25Page - Texas Instruments TPS7201Q Datasheet HTML 26Page - Texas Instruments TPS7201Q Datasheet HTML 27Page - Texas Instruments TPS7201Q Datasheet HTML 28Page - Texas Instruments TPS7201Q Datasheet HTML 29Page - Texas Instruments TPS7201Q Datasheet HTML 30Page - Texas Instruments TPS7201Q Datasheet HTML 31Page - Texas Instruments TPS7201Q Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
TPS7201Q, TPS7225Q, TPS7228Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102F – MARCH 1995 – REVISED NOVEMBER 1998
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The design of the TPS72xx family of low-dropout (LDO) regulators is based on the higher-current TPS71xx
family. These new families of regulators have been optimized for use in battery-operated equipment and feature
extremely low dropout voltages, low supply currents that remain constant over the full-output-current range of
the device, and an enable input to reduce supply currents to less than 0.5
µA when the regulator is turned off.
device operation
The TPS72xx uses a PMOS pass element to dramatically reduce both dropout voltage and supply current over
more conventional PNP-pass-element LDO designs. The PMOS transistor is a voltage-controlled device that,
unlike a PNP transistor, does not require increased drive current as output current increases. Supply current
in the TPS72xx is essentially constant from no-load to maximum.
Current limiting and thermal protection prevent damage by excessive output current and/or power dissipation.
The device switches into a constant-current mode at approximately 1 A; further load increases reduce the output
voltage instead of increasing the output current. The thermal protection shuts the regulator off if the junction
temperature rises above 165
°C. Recovery is automatic when the junction temperature drops approximately 5°C
below the high temperature trip point. The PMOS pass element includes a back diode that safely conducts
reverse current when the input voltage level drops below the output voltage level.
A logic high on the enable input, EN, shuts off the output and reduces the supply current to less than 0.5
µA.
EN should be grounded in applications where the shutdown feature is not used.
Power good (PG) is an open-drain output signal used to indicate output-voltage status. A comparator circuit
continuously monitors the output voltage. When the output drops to approximately 95% of its nominal regulated
value, the comparator turns on and pulls PG low.
Transient loads or line pulses can also cause activation of PG if proper care is not taken in selecting the input
and output capacitors. Load transients that are faster than 5
µs can cause a signal on PG if high-ESR output
capacitors (greater than approximately 7
Ω) are used. A 1-µs transient causes a PG signal when using an output
capacitor with greater than 3.5
Ω of ESR. It is interesting to note that the output-voltage spike during the transient
can drop well below the reset threshold and still not trip if the transient duration is short. A 1-
µs transient must
drop at least 500 mV below the threshold before tripping the PG circuit. A 2-
µs transient trips PG at just 400 mV
below the threshold. Lower-ESR output capacitors help by reducing the drop in output voltage during a transient
and should be used when fast transients are expected.
A typical application circuit is shown in Figure 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com