Electronic Components Datasheet Search
  English  ▼

X  

CFB200 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CFB200
Description  200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CFB200 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CFB200 Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.28
(7.2)
4.20 (106.7)
0.52
(13.3)
Specifications
112
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
CASE FB
All Dimensions In Inches(mm)
CFB200
CFB200
S
E
R
I
E
S
Features
• 100-200W Isolated Output
• Regulated Outputs
• Efficiency to 85%
• Continuous Short Circuit Protection
• 300KHz Switching Frequency
• Industry Standard Full-Brick Package
• 2 : 1 Input Range
111
200 WATT WIDE INPUT
DC-DC CONVERTERS
SINGLE OUTPUT
External Output Trim
-SENSE (6)
+SENSE (8)
TRIM (7)
10K ohms
TRIMPOT
-SENSE (6)
TRIM DOWN
TRIM (7)
TRIM UP
+SENSE (8)
PIN CONNECTION
Pin
Function
1.
2.
3.
4.
5.
6.
7.
8.
9.
+Vin
ON/OFF
NC
-Vin
-Vout
-Sense
Trim
+Sense
+Vout
INPUT SPECIFICATIONS:
Input Voltage Range...................................................... 48V............36-75V
Undervoltage lockout .............................. 48Vin power up ............... 34V
48Vin power down ............. 32.5V
Positive Logic Remote ON/OFF3.4
Input Filter ......................................................................................... Pi Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy : .....................................................................
±1% max.
Transient Response :25% Step Load Change ..........................<500
µ sec.
External Trim Adj. Range .....................................................................
±10%
Ripple & Noise, 20MHz BW
2.5V & 3.3V & 5V ...................................40mV RMS., max.
100mV pk-pk, max.
12V & 15V .................................. 60mV RMS., max.
150mV pk-pk, max.
24V & 28V & 48V ......100mV/150mV/200mV RMS., max.
240mV/280mV/480mV pk-pk, max.
Temperature Coefficient............................................................
±0.03%/˚C
Short Circuit Protection..............................................................Continuous
Line Regulation1 ..........................................................................
±0.2% max.
Load Regulation2 ........................................................................
±0.2% max.
Over Voltage Protection trip Range, % Vo nom. ......................115-140%
Current Limit .................................................110% ~140% Nominal Output
GENERAL SPECIFICATIONS:
Efficiency...................................................................................See Table
Isolation Voltage ...........................Input/Output............1500VDC min.
Input/Case...............1500VDC min.
Output/Case............1500VDC min.
Isolation Resistance ...........................................................107 ohm min.
Switching Frequency ..........................................................300KHz, Typ.
Operating case Temperature ......................................-40˚C to 100˚C
Storage Temperature ..................................................-40˚C to +105˚C
Thermal Shutdown, Case Temp. ..........................................100˚C Typ.
Dimensions ...........................................................4.60x2.40x0.53 inches
(116.8x61.0x13.5 mm)
Case Material ........................Aluminum Baseplate with Plastic Case
Weight................................................................................................193g
NOTE:
1. Measured From High Line to Low Line.
2. Measured From Full Load to Zero Load.
3. Logic Compatibility ............... Open Collector Ref. to -Input
Module ON ............. Open Circuit
Module OFF ............... < 0.8Vdc
4. Suffix "N" to the Model Number with Negative Logic Remote
ON/OFF.
ON/OFF
HIGH SIGNAL HERE
DISABLE OUTPUT
-VIN
NOTE : 1. Nominal Input Voltage 48 VDC
Remote ON/OFF Control
E176177
®
US
36-75 VDC
2.5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
28 VDC
48 VDC
40A
40A
40A
17A
13.3A
8.33A
7.14A
4.2A
25 mA
2.8A
3.5A
5A
5A
5A
5A
5A
5A
FB
74
79
83
85
85
85
85
85
CFB200-48S25
CFB200-48S33
CFB200-48S05
CFB200-48S12
CFB200-48S15
CFB200-48S24
CFB200-48S28
CFB200-48S48
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
%EFF
CASE
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
9
6
5
7
8
1
4
3
2
4.60
(116.8)
4.20
(106.7)
2.00
(50.8)
2.40
(61.0)
0.08(2)Dia(2)places
-Soder plate
over copper ally
0.04(1)Dia(7)places
-Soder plate
over copper ally
0.70
(17.8)
0.70
(17.8)
0.30
(7.6)
0.30
(7.6)
Mounting Inserts
M3x0.5 Through 4PI.
Pin
Tolerances
Inches
.XX
±.02
.XXX
±.010
±0.02
Millimeters
.X
±.5
.XX
±.25
±0.5
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice
■


Similar Part No. - CFB200

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CFB2-6 SUMIDA-CFB2-6 Datasheet
169Kb / 2P
Filter Coils < SMD Type: CFB Series>
logo
CamdenBoss Ltd.
CFB2470FF CAMDENBOSS-CFB2470FF Datasheet
257Kb / 1P
2.4x7mm micro miniature very fast acting axial fuses
CFB2470FF/1 CAMDENBOSS-CFB2470FF/1 Datasheet
257Kb / 1P
2.4x7mm micro miniature very fast acting axial fuses
CFB2470FF/1 CAMDENBOSS-CFB2470FF/1 Datasheet
257Kb / 1P
2.4x7mm micro miniat u re ve r y fast acting axial fuses
CFB2470FF/1.2 CAMDENBOSS-CFB2470FF/1.2 Datasheet
257Kb / 1P
2.4x7mm micro miniature very fast acting axial fuses
More results

Similar Description - CFB200

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
Single and dual output 15 Watt Wide input DC/DC converters
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
Single and dual output 20 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
CHB50 RSG-CHB50 Datasheet
93Kb / 2P
25 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
EC2SC-24S18 RSG-EC2SC-24S18 Datasheet
1Mb / 1P
14.4 TO 25 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
CINCON ELECTRONICS Corp...
CHB50 CINCON-CHB50 Datasheet
207Kb / 2P
33 - 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB75 CINCON-CHB75 Datasheet
183Kb / 2P
49.5 - 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB100 CINCON-CHB100 Datasheet
129Kb / 2P
66 - 100 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB150 CINCON-CHB150 Datasheet
126Kb / 2P
99 - 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com