Electronic Components Datasheet Search
  English  ▼

X  

CX1CSM1 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX1CSM1
Description  530 kHz to 2.1 MHz Low Profile, Miniature Surface Mount Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX1CSM1 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX1CSM1 Datasheet HTML 1Page - RSG Electronic Components GmbH CX1CSM1 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
DESCRIPTION
The CX1SM quartz crystals are leadless devices designed
for surface mounting on printed circuit boards or hybrid
substrates. They are hermetically sealed in a rugged,
miniature ceramic package. The CX1SM crystal is
manufactured
using
the
STATEK-developed
photo-
lithographic process, and was designed utilizing the
experience acquired by producing millions of crystals for
industrial, commercial, military and medical applications.
Maximum process temperature should not exceed 260
OC.
FEATURES
Extensional mode
Ideal for use with microprocessors
Designed for low power applications
Compatible with hybrid or PC board packaging
Low aging
Full military testing available
Ideal for battery operated applications
Designed and manufactured in the USA
CX1SM CRYSTAL
530 kHz to 2.1 MHz
Low Profile, Miniature Surface Mount Quartz Crystal
™
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.315
8.00
0.330
8.38
B
0.140
3.56
0.155
3.94
C
-
-
see below
D
0.045
1.14
0.055
1.40
E
0.060
1.52
0.070
1.78
DIM “C”
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.065
1.65
0.070
1.78
SM2
0.067
1.70
0.072
1.83
SM3
0.070
1.78
0.075
1.90
10129 - Rev B
A
B
E
D
D
TOP
BOTTOM
C
E
PACKAGE DIMENSIONS
actual size
side view
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
0.160 (4.06)
inches (mm)
0.070 (1.78)
0.270 (6.86)
SUGGESTED LAND PATTERN
Glass Lid Shown


Similar Part No. - CX1CSM1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX1CSM1 RSG-CX1CSM1 Datasheet
89Kb / 2P
8 MHz to 250 MHz Miniature Surface Mount AT Quartz Crystal
More results

Similar Description - CX1CSM1

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX2SM STATEK-CX2SM Datasheet
452Kb / 2P
Low Profile Miniature Surface Mount Quartz Crystal
logo
RSG Electronic Componen...
CX2SM RSG-CX2SM Datasheet
484Kb / 2P
760 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX2SM-AT RSG-CX2SM-AT Datasheet
105Kb / 2P
9.6 MHz to 250 MHz Low Profile, Miniature Surface Mount AT Quartz Crystal
CX3SM RSG-CX3SM Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX4VSM RSG-CX4VSM Datasheet
501Kb / 2P
30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX6SM RSG-CX6SM Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
CX-7V-SM RSG-CX-7V-SM Datasheet
63Kb / 2P
80 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX9VSM RSG-CX9VSM Datasheet
456Kb / 2P
32 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX-1-03 RSG-CX-1-03 Datasheet
57Kb / 2P
530 kHz to 2.1 MHz Miniature Quartz Crystal
logo
STATEK CORPORATION
CX3SM STATEK-CX3SM_08 Datasheet
121Kb / 2P
Low Profile Miniature Surface Mount Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com