Electronic Components Datasheet Search
  English  ▼

X  

CX4VCSM5 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX4VCSM5
Description  30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX4VCSM5 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX4VCSM5 Datasheet HTML 1Page - RSG Electronic Components GmbH CX4VCSM5 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10103 - Rev C
DESCRIPTION
STATEK’s ultra-miniature CX4VSM quartz crystals are
hermetically sealed in surface mount ceramic packages and
custom laser-tuned to frequencies ranging from 30 kHz to
200 kHz. This high quality tuning fork resonator is intended
for use in Pierce (single inverter) oscillators with a maximum
process temperature not to exceed 260
OC.
FEATURES
Ultra-miniature, surface mount design
Available with glass or ceramic lid
Hermetically sealed ceramic package
Quartz crystal tuning fork design
High shock and vibration survival
Excellent aging characteristics
Designed for low power applications
Full military testing available
Designed and manufactured in the USA
APPLICATIONS
Medical Implantable and Non-Implantable Devices
Military Devices
Smart Card
Transponder / Animal Migration
Space Limited Devices
Handheld Battery Operated Devices
Down Hole / Industrial Instrumentation
Computer / Computer Peripherals
CX4VSM CRYSTAL
30 kHz to 200 kHz
Ultra-Miniature Low Profile
Surface Mount Quartz Crystal
™
A
B
F
D
D
TOP
BOTTOM
C
E
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.197
5.00
0.210
5.33
B
0.072
1.83
0.085
2.16
C
-
-
see below
D
0.036
0.91
0.046
1.16
E
0.020
0.51
-
-
F
0.025
0.64
-
-
DIM “C”
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.045
1.14
0.050
1.27
SM2
0.046
1.17
0.051
1.30
SM3
0.048
1.22
0.053
1.35
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
actual size
side view
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
0.059 (1.5)
0.160 (4.0)
0.092 (2.3)
inches (mm)
Glass Lid Shown


Similar Part No. - CX4VCSM5

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CX4V-TF IQD-CX4V-TF Datasheet
155Kb / 2P
Quartz Crystal Specification
logo
STATEK CORPORATION
CX4VHT STATEK-CX4VHT Datasheet
267Kb / 2P
HIGH TEMPERATURE CRYSTALS
logo
IQD Frequency Products ...
CX4VHT-TF IQD-CX4VHT-TF Datasheet
135Kb / 2P
Quartz Crystal Specification
logo
STATEK CORPORATION
CX4VSM STATEK-CX4VSM Datasheet
459Kb / 2P
Ultra-Miniature Low Profile Surface Mount Quartz Crystal
logo
EUROQUARTZ limited
CX4VSM EUROQUARTZ-CX4VSM Datasheet
152Kb / 2P
Frequency Range 30kHz to 250kHz
More results

Similar Description - CX4VCSM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX-3V-SM ETC1-CX-3V-SM Datasheet
51Kb / 2P
18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX1HSM RSG-CX1HSM Datasheet
533Kb / 2P
10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX1SM RSG-CX1SM Datasheet
480Kb / 2P
530 kHz to 2.1 MHz Low Profile, Miniature Surface Mount Quartz Crystal
CX2SM RSG-CX2SM Datasheet
484Kb / 2P
760 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX2VSM RSG-CX2VSM Datasheet
509Kb / 2P
16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3SM RSG-CX3SM Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX6SM RSG-CX6SM Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
CX6VSM RSG-CX6VSM Datasheet
505Kb / 2P
18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
CX-7V-SM RSG-CX-7V-SM Datasheet
63Kb / 2P
80 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX9VSM RSG-CX9VSM Datasheet
456Kb / 2P
32 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com