Electronic Components Datasheet Search
  English  ▼

X  

TPS76901 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS76901
Description  ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76901 Datasheet(HTML) 1 Page - Texas Instruments

  TPS76901 Datasheet HTML 1Page - Texas Instruments TPS76901 Datasheet HTML 2Page - Texas Instruments TPS76901 Datasheet HTML 3Page - Texas Instruments TPS76901 Datasheet HTML 4Page - Texas Instruments TPS76901 Datasheet HTML 5Page - Texas Instruments TPS76901 Datasheet HTML 6Page - Texas Instruments TPS76901 Datasheet HTML 7Page - Texas Instruments TPS76901 Datasheet HTML 8Page - Texas Instruments TPS76901 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TPS76901, TPS76912, TPS76915, TPS76918, TPS76925
TPS76927, TPS76928, TPS76930, TPS76933, TPS76950
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS203D – JUNE 1999 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 100-mA Low-Dropout Regulator
D Available in 1.2-V, 1.5-V, 1.8-V, 2.5-V, 2.7-V,
2.8-V, 3.0-V, 3.3-V, and 5-V Fixed-Output and
Adjustable Versions
D Only 17 µA Quiescent Current at 100 mA
D 1 µA Quiescent Current in Standby Mode
D Dropout Voltage Typically 71 mV at 100mA
D Over Current Limitation
D –40°C to 125°C Operating Junction
Temperature Range
D 5-Pin SOT-23 (DBV) Package
description
The TPS769xx family of low-dropout (LDO)
voltage regulators offers the benefits of low
dropout voltage, ultralow-power operation, and
miniaturized packaging. These regulators feature
low dropout voltages and ultralow quiescent
current
compared
to
conventional
LDO
regulators. Offered in a 5-terminal small outline
integrated-circuit
SOT-23
package,
the
TPS769xx
series
devices
are
ideal
for
micropower operations and where board space is
at a premium.
A combination of new circuit design and process
innovation has enabled the usual PNP pass
transistor to be replaced by a PMOS pass
element. Because the PMOS pass element
behaves as a low-value resistor, the dropout
voltage is very low, typically 71 mV at 100 mA of
load current (TPS76950), and is directly proportional to the load current. Since the PMOS pass element is a
voltage-driven device, the quiescent current is ultralow (28
µA maximum) and is stable over the entire range
of output load current (0 mA to 100 mA). Intended for use in portable systems such as laptops and cellular
phones, the ultralow-dropout voltage feature and ultralow-power operation result in a significant increase in
system battery operating life.
The TPS769xx also features a logic-enabled sleep mode to shut down the regulator, reducing quiescent current
to 1
µA typical at TJ = 25°C. The TPS769xx is offered in 1.2-V, 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V, 3.0-V, 3.3-V,
and 5-V fixed-voltage versions and in a variable version (programmable over the range of 1.2 V to 5.5 V).
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
NC/FB
TA – Free-Air Temperature – °C
15
22
TPS76933
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
VI = 4.3 V
CO = 4.7 µF
–40
0
–20
20
140
–60
40
80
100 120
60
21
20
19
18
17
16
IO = 0 mA
IO = 100 mA


Similar Part No. - TPS76901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901 TI1-TPS76901 Datasheet
893Kb / 24P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901-EP TI-TPS76901-EP Datasheet
879Kb / 22P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
TPS76901-EP TI2-TPS76901-EP Datasheet
936Kb / 16P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
REVISED DECEMBER 2009
TPS76901-EP TI2-TPS76901-EP Datasheet
364Kb / 19P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
REVISED NOVEMBER 2013
More results

Similar Description - TPS76901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com