Electronic Components Datasheet Search
  English  ▼

X  

TPS77301 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS77301
Description  250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77301 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS77301 Datasheet HTML 15Page - Texas Instruments TPS77301 Datasheet HTML 16Page - Texas Instruments TPS77301 Datasheet HTML 17Page - Texas Instruments TPS77301 Datasheet HTML 18Page - Texas Instruments TPS77301 Datasheet HTML 19Page - Texas Instruments TPS77301 Datasheet HTML 20Page - Texas Instruments TPS77301 Datasheet HTML 21Page - Texas Instruments TPS77301 Datasheet HTML 22Page - Texas Instruments TPS77301 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TPS77301, TPS77318, TPS77327, TPS77328, TPS77333 WITH RESET OUTPUT
TPS77401, TPS77418, TPS77427, TPS77428, TPS77433 WITH POWER GOOD OUTPUT
250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
SLVS281A – FEBRUARY 2000 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
regulator protection
The TPS773xx or TPS774xx PMOS-pass transistor has a built-in back diode that conducts reverse currents
when the input voltage drops below the output voltage (e.g., during power down). Current is conducted from
the output to the input and is not internally limited. When extended reverse voltage is anticipated, external
limiting may be appropriate.
The TPS773xx or TPS774xx also features internal current limiting and thermal protection. During normal
operation, the TPS773xx or TPS774xx limits output current to approximately 0.9 A. When current limiting
engages, the output voltage scales back linearly until the overcurrent condition ends. While current limiting is
designed to prevent gross device failure, care should be taken not to exceed the power dissipation ratings of
the package. If the temperature of the device exceeds 150
°C(typ), thermal-protection circuitry shuts it down.
Once the device has cooled below 130
°C(typ), regulator operation resumes.
power dissipation and junction temperature
Specified regulator operation is assured to a junction temperature of 125
°C; the maximum junction temperature
should be restricted to 125
°C under normal operating conditions. This restriction limits the power dissipation
the regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than
or equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
P
D(max) +
T
J
max
* T
A
RqJA
Where:
TJmax is the maximum allowable junction temperature
TA is the ambient temperature.
RθJA is the thermal resistance junction-to-ambient for the package, i.e., 266.2°C/W for the 8-terminal
MSOP with no airflow.
The regulator dissipation is calculated using:
P
D +
V
I *
V
O
I
O
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation will trigger the
thermal protection circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com