Electronic Components Datasheet Search
  English  ▼

X  

TPS77028 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS77028
Description  ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77028 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS77028 Datasheet HTML 8Page - Texas Instruments TPS77028 Datasheet HTML 9Page - Texas Instruments TPS77028 Datasheet HTML 10Page - Texas Instruments TPS77028 Datasheet HTML 11Page - Texas Instruments TPS77028 Datasheet HTML 12Page - Texas Instruments TPS77028 Datasheet HTML 13Page - Texas Instruments TPS77028 Datasheet HTML 14Page - Texas Instruments TPS77028 Datasheet HTML 15Page - Texas Instruments TPS77028 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TPS77001, TPS77012, TPS77015, TPS77018, TPS77025
TPS77027, TPS77028, TPS77030, TPS77033, TPS77050
ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS210C – JUNE 1999 – REVISED SEPTEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
output voltage programming
The output voltage of the TPS77001 adjustable regulator is programmed using an external resistor divider as
shown in Figure 22. The output voltage is calculated using:
V
O +
V
ref
1
) R1
R2
(1)
where
Vref = 1.224 V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 7-
µA divider current. Lower value resistors can be
used but offer no inherent advantage and waste more power. Higher values should be avoided as leakage
currents at FB increase the output voltage error. The recommended design procedure is to choose
R2 = 169 k
Ω to set the divider current at 7 µA and then calculate R1 using:
R1
+
V
O
V
ref
* 1
R2
(2)
VO
VI
OUT
FB
R2
GND
EN
IN
≤0.9 V
≥1.7 V
TPS77001
1
µF
OUTPUT
VOLTAGE
(V)
R1
R2
2.5
3.3
3.6
4.0
5.0
174
287
324
383
523
169
169
169
169
169
OUTPUT VOLTAGE
PROGRAMMING GUIDE
DIVIDER RESISTANCE
(k
Ω)‡
‡ 1% values shown.
3
1
4
2
R1
5
ESR = 0.2
Ω
4.7
µF
Figure 22. TPS77001 Adjustable LDO Regulator Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com