Electronic Components Datasheet Search
  English  ▼

X  

TPS76501D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76501D
Description  ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76501D Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS76501D Datasheet HTML 3Page - Texas Instruments TPS76501D Datasheet HTML 4Page - Texas Instruments TPS76501D Datasheet HTML 5Page - Texas Instruments TPS76501D Datasheet HTML 6Page - Texas Instruments TPS76501D Datasheet HTML 7Page - Texas Instruments TPS76501D Datasheet HTML 8Page - Texas Instruments TPS76501D Datasheet HTML 9Page - Texas Instruments TPS76501D Datasheet HTML 10Page - Texas Instruments TPS76501D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TPS76515, TPS76518, TPS76525, TPS76527
TPS76528, TPS76530, TPS76533, TPS76550, TPS76501
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS236 – AUGUST 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
IL – Load Current – mA
TPS76533
OUTPUT VOLTAGE
vs
LOAD CURRENT
3.292
3.294
3.296
3.298
3.300
3.302
3.304
0
25
50
75
100
125
150
VI = 4.3 V
TA = 25°C
Figure 3
IL – Load Current – mA
TPS76515
OUTPUT VOLTAGE
vs
LOAD CURRENT
1.487
1.488
1.489
1.490
1.491
1.492
1.493
1.494
0
25
50
75
100
125
150
VI = 2.7 V
TA = 25°C
Figure 4
TA – Free-Air Temperature – °C
TPS76533
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
3.310
3.305
3.300
3.295
3.290
3.285
3.280
3.275
3.270
3.265
–25
–50
0
25
50
75
100
125
150
VI = 4.3 V
IO = 10 µA
IO = 150 mA
Figure 5
TA – Free-Air Temperature – °C
TPS76515
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
1.505
–50
1.500
1.495
1.490
1.485
1.480
1.475
–25
0
25
50
75
100
125
150
VI = 2.7 V
IO = 10 µA
IO = 150 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com