Electronic Components Datasheet Search
  English  ▼

X  

AP2166 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2166
Description  1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2166 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2166 Datasheet HTML 1Page - Diodes Incorporated AP2166 Datasheet HTML 2Page - Diodes Incorporated AP2166 Datasheet HTML 3Page - Diodes Incorporated AP2166 Datasheet HTML 4Page - Diodes Incorporated AP2166 Datasheet HTML 5Page - Diodes Incorporated AP2166 Datasheet HTML 6Page - Diodes Incorporated AP2166 Datasheet HTML 7Page - Diodes Incorporated AP2166 Datasheet HTML 8Page - Diodes Incorporated AP2166 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP2166/AP2176
1A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2166/AP2176 Rev 1
1 of 17
APRIL 2009
www.diodes.com
© Diodes Incorporated
•
Dual USB port power switches
•
Over-current and thermal protection
•
1.5A accurate current limiting
•
Reverse Current Blocking
•
90m
Ω on-resistance
•
Input voltage range: 2.7V – 5.5V
•
0.6ms typical rise time
•
Very low shutdown current: 1uA (max)
•
Fault report (FLG) with blanking time (7ms typ)
•
ESD protection: 6KV HBM, 300V MM
•
Active high (AP2176) or active low (AP2166) enable
•
Ambient temperature range -40ºC to 85°C
•
SOP-8L and MSOP-8L-EP (Exposed Pad): Available in
“Green” Molding Compound (No Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
•
UL Recognized, File Number E322375
•
IEC60950-1 CB Scheme Certified
The AP2166 and AP2176 are integrated high-side power switches
optimized for Universal Serial Bus (USB) and other hot-swap
applications. The family of devices complies with USB 2.0 and
available with both polarities of Enable input.
They offer current
and thermal limiting and short circuit protection as well as
controlled rise time and under-voltage lockout functionality. A 7ms
deglitch capability on the open-drain Flag output prevents false
over-current
reporting
and
does
not
require
any
external
components.
All devices are available in SOP-8L and MSOP-8L-EP packages.
•
Consumer electronics – LCD TV & Monitor, Game Machines
•
Communications – Set-Top-Box, GPS, Smartphone
•
Computing – Laptop, Desktop, Servers, Printers, Docking Station, HUB
0.1uF
IN
GND
EN2
OUT1
ON
68uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG1
Load
10k
10k
FLG2
EN1
OUT2
68uF
0.1uF
Load
10uF
Available Options
Part Number
Channel
Enable Pin (EN)
Current Limit
(Typical)
Recommended Maximum
Continuous Load Current
AP2166
2
Active Low
1.5A
1.0A
AP2176
2
Active High
1.5A
1.0A
Features
Description
Applications
Typical Application Circuit


Similar Part No. - AP2166

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
Ultra Low Output Voltage Linear N-FET Controller
AP2160KTR-G1 BCDSEMI-AP2160KTR-G1 Datasheet
307Kb / 10P
Ultra Low Output Voltage Linear N-FET Controller
logo
Diodes Incorporated
AP2161 DIODES-AP2161 Datasheet
389Kb / 19P
1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
More results

Similar Description - AP2166

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2161 DIODES-AP2161_09 Datasheet
389Kb / 19P
1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2161D_1009 DIODES-AP2161D_1009 Datasheet
482Kb / 17P
1A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32250 Rev. 2 - 2
AP2162 DIODES-AP2162_09 Datasheet
511Kb / 17P
1A DUAL CHANNEL CURRENT-LIMITED POWER
AP2172 Rev. 5
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2142SG-13 DIODES-AP2142SG-13 Datasheet
2Mb / 17P
0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2172 DIODES-AP2172 Datasheet
511Kb / 17P
1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
Shenzhen Huazhimei Semi...
HM4610 HMSEMI-HM4610 Datasheet
937Kb / 9P
1A Current Limited Load Switch
logo
Diodes Incorporated
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com