Electronic Components Datasheet Search
  English  ▼

X  

AP5726 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP5726
Description  WHITE LED STEP-UP CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5726 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP5726 Datasheet HTML 1Page - Diodes Incorporated AP5726 Datasheet HTML 2Page - Diodes Incorporated AP5726 Datasheet HTML 3Page - Diodes Incorporated AP5726 Datasheet HTML 4Page - Diodes Incorporated AP5726 Datasheet HTML 5Page - Diodes Incorporated AP5726 Datasheet HTML 6Page - Diodes Incorporated AP5726 Datasheet HTML 7Page - Diodes Incorporated AP5726 Datasheet HTML 8Page - Diodes Incorporated AP5726 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP5726
WHITE LED STEP-UP CONVERTER
AP5726 Rev. 1
1 of 16
JUNE 2009
www.diodes.com
© Diodes Incorporated
•
Inherently Matched LED Current
•
High Efficiency: 84% Typical
•
Fast 1.2MHz Switching Frequency
•
Current limit and UVLO Protections
•
Internal Thermal Shutdown
•
Internal Over Voltage Protection
•
Integrated Soft-start Function
•
SOT26 and DFN2020C-6: Available in “Green”
Molding Compound (No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
The AP5726 is a step-up DC/DC converter specifically designed
to drive white LEDs with a constant current. The device can drive
2~6 LEDs in series from a Li-Ion cell. Series connection of the
LEDs provides identical LED currents resulting in uniform
brightness and eliminates the need for ballast resistors. The
AP5726 switches at 1.2MHz that allows the use of tiny external
components. A low 0.31V feedback voltage minimizes power loss
in the current setting resistor for better efficiency.
•
Cellular Phones
•
PDAs, Hand help Computers
•
Digital Cameras
•
MP3 Players
•
GPS Receivers
Typical Application Circuit
V
IN
SW
EN
GND
FB
AP5726
C
OUT
1uF
RSET
15
L1
22uH
D1
V
IN
C
IN
1uF
OVP
2~6 LEDs
PWM Dimming
OFF
ON
Figure 1. Typical Application Circuit
Features
General Description
Applications


Similar Part No. - AP5726

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5726 DIODES-AP5726 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
AP5726FDCG-7 DIODES-AP5726FDCG-7 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
AP5726WG-7 DIODES-AP5726WG-7 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
AP5726WUG-7 DIODES-AP5726WUG-7 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
More results

Similar Description - AP5726

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com