Electronic Components Datasheet Search
  English  ▼

X  

AP8800 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP8800
Description  350mA LED Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8800 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP8800 Datasheet HTML 3Page - Diodes Incorporated AP8800 Datasheet HTML 4Page - Diodes Incorporated AP8800 Datasheet HTML 5Page - Diodes Incorporated AP8800 Datasheet HTML 6Page - Diodes Incorporated AP8800 Datasheet HTML 7Page - Diodes Incorporated AP8800 Datasheet HTML 8Page - Diodes Incorporated AP8800 Datasheet HTML 9Page - Diodes Incorporated AP8800 Datasheet HTML 10Page - Diodes Incorporated AP8800 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AP8800
350mA LED Step-Down Converter
AP8800 Rev. 1
9 of 11
MARCH 2009
www.diodes.com
© Diodes Incorporated
Package Information
(All Dimensions in mm)
(1) Package Type: SOP-8L
1.27typ
0.3/0.5
7°~9°
4.85/4.95
7°~9°
0.62/0.82
Gauge Plane
Seating Plane
0.35max. 45°
Detail "A"
Detail "A"
Land Pattern Recommendation
(Unit: mm)
6x-1.27
8x-0.60
0°/8°
(2) Package Type: MSOP-8L
2.9/3.1
0.65Bsc.
0.22/0.38
0.05
0.4/0.8
0.95Ref.
Gauge plane
"A"
DETAIL "A"
1
6x-0.65
Land Pattern Recommendation
(Unit:mm)
8x-0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com