Electronic Components Datasheet Search
  English  ▼

X  

AP8802 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP8802
Description  1A LED Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP8802 Datasheet HTML 5Page - Diodes Incorporated AP8802 Datasheet HTML 6Page - Diodes Incorporated AP8802 Datasheet HTML 7Page - Diodes Incorporated AP8802 Datasheet HTML 8Page - Diodes Incorporated AP8802 Datasheet HTML 9Page - Diodes Incorporated AP8802 Datasheet HTML 10Page - Diodes Incorporated AP8802 Datasheet HTML 11Page - Diodes Incorporated AP8802 Datasheet HTML 12Page - Diodes Incorporated AP8802 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP8802
1A LED Step-Down Converter
AP8802 Rev. 1
10 of 13
MARCH 2009
www.diodes.com
© Diodes Incorporated
Marking Information
(1) SOP-8L
( Top View )
AP8802
YY WW X X
Logo
Part Number
5
8
4
1
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
represents 52 and 53 week
(2) SOP-8L-EP (Preview)
( Top View )
AP8802
YY WW X X
Logo
Part No.
5
8
4
1
E
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
represents 52 and 53 week
SOP-8L-EP
(3) DFN3030-10
XX : Identification Code
( Top View )
X : A~Z : Green
X
Y
X X
W
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AP8802FNG-7
DFN3030-10
A5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com