Electronic Components Datasheet Search
  English  ▼

X  

TRF3040 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF3040
Description  MODULATOR/SYNTHESIZER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3040 Datasheet(HTML) 1 Page - Texas Instruments

  TRF3040 Datasheet HTML 1Page - Texas Instruments TRF3040 Datasheet HTML 2Page - Texas Instruments TRF3040 Datasheet HTML 3Page - Texas Instruments TRF3040 Datasheet HTML 4Page - Texas Instruments TRF3040 Datasheet HTML 5Page - Texas Instruments TRF3040 Datasheet HTML 6Page - Texas Instruments TRF3040 Datasheet HTML 7Page - Texas Instruments TRF3040 Datasheet HTML 8Page - Texas Instruments TRF3040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
TRF3040
MODULATOR/SYNTHESIZER
SLWS057 – AUGUST 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 2-GHz Main Synthesizer, Which
Incorporates a Dual-Mode 32/33 and 64/65
Prescaler for Fractional-N Operation
D 200-MHz Auxiliary Synthesizer, Which
Incorporates an 8/9 Prescaler
D Separate Supply Terminals for Main and
Auxiliary Charge Pumps
D Internal Compensation for Fractional Spurs
D Low Phase Noise
D Normal and Integral Charge Pump Outputs
D Fully Programmable Main and Auxiliary
Dividers
D Serial Data Interface
D Direct I/Q Modulator
D Control Logic for Power-Down Modes
D Single-Sideband Suppressed Carrier
(SSBSC) Converter to Generate TX Carrier
D 200-MHz TXIF Synthesizer and Oscillator
D Variable Gain Amplifier (VGA) With 50 dB of
Dynamic Range
D 900-MHz Power Amplifier (PA) Driver With
9 dBm Typical Output Power
D Reference and Clock Buffers
D 158 mA Typical Total Operating Current at
3.75 V Supply
D 48-Pin Quad Flatpack (LQFP)
14 15
XTAL–
TXEN
DATA
CLOCK
LOCK
STROBE
VSSA
VDD
I
I
Q
Q
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
PHP
VDDA
RXLO+
RXLO–
VSSA
VCCP
TXLO+
TXLO–
VSSP
PHSOUT
IPEAK
TANK+
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PT PACKAGE
(TOP VIEW)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated


Similar Part No. - TRF3040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3302 TI2-TRF3302 Datasheet
1Mb / 27P
TRF3302 1165MHz to 1630MHz, Multiband, GPS and GNSS, Low-Noise Amplifier
OCTOBER 2025
TRF3302 TI2-TRF3302 Datasheet
1Mb / 28P
TRF3302-Q1 1165MHz to 1630MHz, Multiband, GPS and GNSS, Low-Noise Amplifier
OCTOBER 2025
TRF3302-Q1 TI2-TRF3302-Q1 Datasheet
1Mb / 28P
TRF3302-Q1 1165MHz to 1630MHz, Multiband, GPS and GNSS, Low-Noise Amplifier
OCTOBER 2025
TRF3302VBLR TI2-TRF3302VBLR Datasheet
1Mb / 27P
TRF3302 1165MHz to 1630MHz, Multiband, GPS and GNSS, Low-Noise Amplifier
OCTOBER 2025
TRF3302VBLRQ1 TI2-TRF3302VBLRQ1 Datasheet
1Mb / 28P
TRF3302-Q1 1165MHz to 1630MHz, Multiband, GPS and GNSS, Low-Noise Amplifier
OCTOBER 2025
More results

Similar Description - TRF3040

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64821FP MITSUBISHI-M64821FP Datasheet
27Kb / 1P
1 CHIP SYNTHESIZER & MODULATOR FOR PHS
logo
NXP Semiconductors
SA9024 PHILIPS-SA9024 Datasheet
151Kb / 23P
900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
1997 Aug 01
SA9025 PHILIPS-SA9025 Datasheet
134Kb / 23P
900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer
1997 Aug 01
logo
Intersil Corporation
HFA3783 INTERSIL-HFA3783 Datasheet
608Kb / 34P
I/Q Modulator/Demodulator and Synthesizer
March 2000
logo
RF Micro Devices
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Zoran Corporation
PM-1100 ZORAN-PM-1100 Datasheet
65Kb / 2P
Precision Digital Modulator/Synthesizer
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150_06 Datasheet
350Kb / 16P
Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
Rev 3; 3/06
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RFMD2081 RFMD-RFMD2081 Datasheet
2Mb / 18P
45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com