Electronic Components Datasheet Search
  English  ▼

X  

LMV321 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LMV321
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV321 Datasheet(HTML) 1 Page - Diodes Incorporated

  LMV321 Datasheet HTML 1Page - Diodes Incorporated LMV321 Datasheet HTML 2Page - Diodes Incorporated LMV321 Datasheet HTML 3Page - Diodes Incorporated LMV321 Datasheet HTML 4Page - Diodes Incorporated LMV321 Datasheet HTML 5Page - Diodes Incorporated LMV321 Datasheet HTML 6Page - Diodes Incorporated LMV321 Datasheet HTML 7Page - Diodes Incorporated LMV321 Datasheet HTML 8Page - Diodes Incorporated LMV321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMV321/LMV358/LMV324
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL AMPLIFIERS
LMV321/LMV358/LMV324 Rev. 1
1 of 16
JUNE 2009
www.diodes.com
© Diodes Incorporated
(For V
+=5V and V-=0V typical unless otherwise noted)
• Guaranteed 2.7V and 5V performance
• Crossover distortion eliminated
• Operating temperature range (-40°C to +85°C)
• Gain-bandwidth product
1 MHz
• Low supply current
- LMV321
110 µA Typ
- LMV358
190 µA Typ
- LMV324
340 µA Typ
• Rail-to-rail output swing @ 10 kΩ
- V
+ -10 mV
- V
- +10 mV
• Input Common Mode Voltage Range (-0.2 to V+-0.8V)
• Manufactured in standard CMOS process
• SOT353, SOT25, MSOP-8L, SOP-8L and TSSOP-14L:
Available in “Green” Molding Compound (No Br, Sb)
• Lead-free Finish/ RoHS Compliant (Note 4)
The LMV321/LMV358/LMV324 are low voltage (2.7V to 5.5V)
single,
dual
and
quad
operational
amplifiers.
The
LMV321/LMV358/LMV324 are designed to effectively reduce cost
and space at low voltage levels. These devices have the
capability of rail-to-rail output swing and input common-mode
voltage range includes ground. They can also achieve an efficient
speed-to-power ratio, utilizing 1 MHz bandwidth and 1 V/µs slew
rate at a low supply current. Reducing noise pickup and
increasing signal integrity can be achieved by placing the device
close to the signal source.
The LMV321 is available in 5-Pin
SOT353/SOT25 packages that reduce space on pc boards
and portable electronic devices. The LMV324 is available in the
TSSOP-14L package. The LMV358 is available in the MSOP-8L
and SOP-8L packages.
•
Active filters
•
General purpose low voltage applications
•
General purpose portable devices
LMV3 XX XX G - X
S : SOP8L
Part Number
Package
24 : Quad (Note 2)
Packing
Green
G : Green
58 : Dual (Note 3)
M8 : MSOP-8L
TS : TSSOP-14L
7/13 : Tape & Reel
21 : Single (Note 1)
SE : SOT353
W : SOT25
Device
Package
Code
Packaging
(Note 5)
7”/13” Tape and Reel
Quantity
Part Number Suffix
LMV321WG-7
W
SOT25
3000/Tape & Reel
-7
LMV321SEG-7
SE
SOT353
3000/Tape & Reel
-7
LMV324TSG-13
TS
TSSOP-14L
2500/Tape & Reel
-13
LMV358SG-13
S
SOP-8L
2500/Tape & Reel
-13
LMV358M8G-13
M8
MSOP-8L
2500/Tape & Reel
-13
Notes:
1. LMV321 is only available for SOT25 and SOT353.
2. LMV324 is only available for TSSOP-14L.
3. LMV358 is only available for SOP-8L and MSOP-8L.
4. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information
Please click here to visit our online spice models database.


Similar Part No. - LMV321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
More results

Similar Description - LMV321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LPV321 NSC-LPV321 Datasheet
715Kb / 21P
General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV358 UTC-LV358 Datasheet
412Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
L6132 UTC-L6132 Datasheet
390Kb / 11P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LPV358 TI1-LPV358 Datasheet
798Kb / 23P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com