Electronic Components Datasheet Search
  English  ▼

X  

TRF3520 Datasheet(PDF) 13 Page - Texas Instruments

Part # TRF3520
Description  GSM RF MODULATOR/DRIVER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3520 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TRF3520 Datasheet HTML 9Page - Texas Instruments TRF3520 Datasheet HTML 10Page - Texas Instruments TRF3520 Datasheet HTML 11Page - Texas Instruments TRF3520 Datasheet HTML 12Page - Texas Instruments TRF3520 Datasheet HTML 13Page - Texas Instruments TRF3520 Datasheet HTML 14Page - Texas Instruments TRF3520 Datasheet HTML 15Page - Texas Instruments TRF3520 Datasheet HTML 16Page - Texas Instruments TRF3520 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TRF3520
GSM RF MODULATOR/DRIVER AMPLIFIER
SLWS060A – MAY 1998
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 2. TRF3520 Application Board Parts List
DESIGNATORS
DESCRIPTION
VALUE
QTY
SIZE
MANUFACTURER
MANUFACTURER P/N
C1, 2, 3, 15
Capacitor
10 pF
4
0603
Murata
GRM39COG Series
C4, 5, 8, 10, 12,
14, 19, 32, 36, 37
Capacitor
.01
µF
10
0603
Murata
GRM39COG Series
C6, 23, 26, 30, 35
Capacitor
1000 pF
5
0603
Murata
GRMX7R Series
C7, 9, 11, 25, 28,
29, 33, 34, 38
Capacitor
100 pF
9
0603
Murata
GRM1R8X7R Series
C13, 31
Capacitor
10
µF
2
C
Panasonic
ECS–T1DC106R
C16
Capacitor
22 pF
1
0603
Murata
GRM39COG Series
C17
Capacitor
8 pF
1
0603
Murata
GRM39COG Series
C18
Capacitor
7 pF
1
0603
Murata
GRM39COG Series
C20, 22
Capacitor
15 pF
2
0603
Murata
GRM39COG Series
C21
Capacitor
4.7 pF
1
0603
Murata
GRM39COG Series
C24, 27
Capacitor
1.8 pF
2
0603
Murata
GRM39COG Series
C39
Capacitor
1.5 pF
1
0603
Murata
GRM39COG Series
L1
Inductor
100 nH
1
0603
Toko
LL1608–FR10K
L2
Inductor
47 nH
1
0603
Toko
LL1608–F47NK
L3
Inductor
56 nH
1
0603
Toko
LL1608–F56NK
L4, 5
Inductor
6.8 nH
2
0603
Toko
LL1608–F6N8K
J1, 3, 5, 6, 11
SMA connector
5
EF Johnson
142–0701–801
J2
Connector
1
Amp
747250–4
P1, P2, P3
Connector
3
Molex
46F522
J7, 8, 9, 10
BNC connector
4
Amp
413631–1
R2, 4, 6
Resistor
1.0 k
W
3
0603
Panasonic
P1.0KGCT–ND
R3 ,5, 7
Resistor
1.5 k
W
3
0603
Panasonic
P1.5KGCT–ND
R8, 9, 10, 12, 18,
20
Resistor
0
6
0603
Panasonic
P0.0GCT–ND
R13, 14
Resistor
220
2
0603
Panasonic
P220GCT–ND
R15, 16
Resistor
47 k
W
2
0603
Panasonic
P47KGCT–ND
R22
Resistor
2 k
W
1
0603
Digikey
P2.0KGCT–ND
U1
IC
1
TI
TRF3520
Varactor
Varactor
2
Motorola
MMBV2109LT1
T1
4:1 Balun
1
MA/COM
ETC1.6–4–2–3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com