Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1023 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCT1023
Description  MICROPOWER FIXED GAIN OF 50 CURRENT MONITOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1023 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1023 Datasheet HTML 1Page - Diodes Incorporated ZXCT1023 Datasheet HTML 2Page - Diodes Incorporated ZXCT1023 Datasheet HTML 3Page - Diodes Incorporated ZXCT1023 Datasheet HTML 4Page - Diodes Incorporated ZXCT1023 Datasheet HTML 5Page - Diodes Incorporated ZXCT1023 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZXCT1023
MICROPOWER FIXED GAIN OF 50 CURRENT MONITOR
ZXCT1023
3 of 6
MARCH 2009
Document Rev. 1
www.diodes.com
©Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical DC characteristics
VSENSE = 0V, VS+ = 3.6V
0
0.5
1
1.5
2
2.5
2
4
6
8
10
12
14
16
18
20
VS+ (V)
TA = -40°C
TA = 0°C
TA = 85°C
Vs+ = 3.6v
Relative to gain = 50
-2%
-1%
0%
1%
2%
3%
0
1020
3040
50
VSENSE (mV)
TA = 85°C
TA = -40°C
TA = 0°C
TA = 25°C
S+ input current vs Supply voltage
Normalised gain error Vs Sense voltage
VS+ = 3.6V
-40°C
25°C
85°C
20
30
40
50
60
70
02
468
10
VSENSE (mV)
TA = 0°C
VS+ = 3.6V
0
0.5
1
1.5
2
2.5
3
3.5
0
10
203040
5060
VSENSE (mV)
TA = 85°C
TA = 25°C
TA = 0°C
TA = -40°C
Differential gain Vs Sense voltage
Output Voltage Vs Sense voltage
TA = 25°C
VSENSE = 10mV
VSENSE = 30mV
VSENSE = 50mV
0
0.5
1
1.5
2
2.5
3
2
4
6
8
10
12
14
16
18
20
VS+ (V)
VS+ =3.6V
w.r.t. VOUT at 25°C
VSENSE = 10mV, 30mV, 50mV
10mV
30mV
30mV
50mV
50mV
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
-40
-15
10
35
60
85
Temperature (°C)
Output voltage VS+ Input voltage
Relative output voltage change Vs Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com