Electronic Components Datasheet Search
  English  ▼

X  

2SC2238 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SC2238
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC2238 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC2238 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2238 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2238 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
固电半导体
INCHANGE
SEMICONDUCTOR
JMnic
Product Specification
Silicon NPN Power Transistors
2SC2238 2SC2238A 2SC2238B
DESCRIPTION
・With TO-220 package
・Complement to type 2SA968
・High breakdown votage
APPLICATIONS
・Power amplifier applications
・Driver stage amplifier applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2SC2238
160
2SC2238A
180
VCBO
Collector-base voltage
2SC2238B
Open emitter
200
V
2SC2238
160
2SC2238A
180
VCEO
Collector-emitter voltage
2SC2238B
Open base
200
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
1.5
A
IE
Emitter current
-1.5
A
PT
Total power dissipation
TC=25℃
25
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃


Similar Part No. - 2SC2238

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2238 ETC-2SC2238 Datasheet
138Kb / 3P
SILICON NPN EPITAXIAL TRANSISTOR (PCT PROCESS)
logo
Savantic, Inc.
2SC2238 SAVANTIC-2SC2238 Datasheet
95Kb / 3P
Silicon NPN Power Transistors
2SC2238 SAVANTIC-2SC2238 Datasheet
97Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC2238 NJSEMI-2SC2238 Datasheet
128Kb / 2P
Silicon NPN Power Transistor
logo
List of Unclassifed Man...
2SC2238A ETC-2SC2238A Datasheet
138Kb / 3P
SILICON NPN EPITAXIAL TRANSISTOR (PCT PROCESS)
More results

Similar Description - 2SC2238

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com