Electronic Components Datasheet Search
  English  ▼

X  

KDR552F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR552F
Description  HIGH SPEED SWITCHING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR552F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR552F Datasheet HTML 1Page - KEC(Korea Electronics) KDR552F Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2005. 5. 27
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR552F
SCHOTTKY BARRIER TYPE DIODE
Revision No : 0
FOR HIGH SPEED SWITCHING.
FEATURES
Low reverse current, Low capacitance.
Small Package : TFSC.
MAXIMUM RATING (Ta=25
)
TFSC
DIM
MILLIMETERS
A
B
C
D
E
1.00 0.05
0.80+0.10/-0.05
0.60 0.05
0.30 0.05
0.40 MAX
CATHODE MARK
B
A
0.13 0.05
F
+
_
+
_
+
_
+
_
1. ANODE
2. CATHODE
ELECTRICAL CHARACTERISTICS (Ta=25
)
Type Name
Marking
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
25
V
Reverse Voltage
VR
25
V
Average Forward Current
IO
50
mA
Non-repetitive Peak Surge Current (10mS)
IFSM
200
mA
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55
125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=1mA
-
-
0.33
V
IF=5mA
-
-
0.38
Reverse Current
IR
VR=20V
-
-
0.45
A
Total Capacitance
CT
VR=1V, f=1MHz
-
-
2.80
pF


Similar Part No. - KDR552F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F_15 Datasheet
428Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - KDR552F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
High Speed Switching
logo
Toshiba Semiconductor
SSM6K31FE TOSHIBA-SSM6K31FE Datasheet
99Kb / 3P
High speed switching
19-Dec-2003
logo
KEC(Korea Electronics)
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
High speed switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
High-Speed Switching
24-May-2012
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
High-Speed Switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
High speed switching
logo
Advanced Power Electron...
AP30G100W A-POWER-AP30G100W_14 Datasheet
220Kb / 4P
High speed switching
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
High Speed Switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com