Electronic Components Datasheet Search
  English  ▼

X  

TPS77012DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77012DBVT
Description  ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77012DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS77012DBVT Datasheet HTML 6Page - Texas Instruments TPS77012DBVT Datasheet HTML 7Page - Texas Instruments TPS77012DBVT Datasheet HTML 8Page - Texas Instruments TPS77012DBVT Datasheet HTML 9Page - Texas Instruments TPS77012DBVT Datasheet HTML 10Page - Texas Instruments TPS77012DBVT Datasheet HTML 11Page - Texas Instruments TPS77012DBVT Datasheet HTML 12Page - Texas Instruments TPS77012DBVT Datasheet HTML 13Page - Texas Instruments TPS77012DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TPS77001, TPS77012, TPS77015, TPS77018, TPS77025
TPS77027, TPS77028, TPS77030, TPS77033, TPS77050
ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS210C – JUNE 1999 – REVISED SEPTEMBER 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17
1
025
50
100
IO – Output Current – mA
10
TPS77033
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)†
vs
OUTPUT CURRENT
VIN = 4.3 V
CO = 4.7 µF
ESR = 0.3
Ω
3.3 V LDO
5
1015
20
3035
40
45
Region of Instability
Region of Stability
0.1
Figure 18
0
0.1
0.2
0.3
0.4
0.5
Added Ceramic Capacitance –
µF
0.6
0.7 0.8
0.9
1
1
100
10
Region of Instability
Region of Stability
VIN = 4.3 V
CO = 4.7 µF
IL = 50 mA
TPS77033
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
vs
ADDED CERAMIC CAPACITANCE
Figure 19
IO – Output Current – mA
1
025
50
100
10
TPS77033
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)†
vs
OUTPUT CURRENT
VIN = 4.3 V
CO = 10 µF
ESR = 0.3
Ω
3.3 V LDO
5
10
15
20
30
354045
Region of Stability
Region of Instability
Figure 20
Added Ceramic Capacitance –
µF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7 0.8
0.9
1
1
100
10
Region of Instability
Region of Stability
VIN = 4.3 V
CO = 10 µF
IL = 50 mA
TPS77033
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
vs
ADDED CERAMIC CAPACITANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com