Electronic Components Datasheet Search
  English  ▼

X  

ADS1246IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1246IPWR
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1246IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1246IPWR Datasheet HTML 17Page - Texas Instruments ADS1246IPWR Datasheet HTML 18Page - Texas Instruments ADS1246IPWR Datasheet HTML 19Page - Texas Instruments ADS1246IPWR Datasheet HTML 20Page - Texas Instruments ADS1246IPWR Datasheet HTML 21Page - Texas Instruments ADS1246IPWR Datasheet HTML 22Page - Texas Instruments ADS1246IPWR Datasheet HTML 23Page - Texas Instruments ADS1246IPWR Datasheet HTML 24Page - Texas Instruments ADS1246IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Settling Time for Channel Multiplexing
REFN1
REFP1
ADC
ADS1248 Only
REFN0
REFP0
REFN
REFP
VREFCOM
VREFOUT
ReferenceMultiplexer
Internal
Voltage
Reference
VOLTAGE REFERENCE INPUT
ADS1246
ADS1247
ADS1248
www.ti.com .................................................................................................................................................. SBAS426C – AUGUST 2008 – REVISED AUGUST 2009
ESD diodes protect the ADC inputs. To prevent these
As with the analog inputs, REFP0 and REFN0 can be
diodes from turning on, make sure the voltages on
configured as digital I/Os on the ADS1247/48.
the input pins do not go below AVSS by more than
100mV, and do not exceed AVDD by more than
100mV, as shown in Equation 2. Note that the same
caution is true if the inputs are configured to be
GPIOs.
AVSS – 100mV < (AINX) < AVDD + 100mV
(2)
The ADS1246/7/8 is a true single-cycle settling
ΔΣ
converter. The first data available after the start of a
conversion are fully settled and valid for use. The
time required to settle is roughly equal to the inverse
of the data rate. The exact time depends on the
specific data rate and the operation that resulted in
the start of a conversion; see Table 19 for specific
Figure 32. Reference Input Multiplexer
values.
The reference input circuit has ESD diodes to protect
the inputs. To prevent the diodes from turning on,
The voltage reference for the ADS1246/7/8 is the
make sure the voltage on the reference input pin is
differential voltage between REFP and REFN:
not less than AVSS – 100mV, and does not exceed
VREF = VREFP – VREFN
AVDD + 100mV, as shown in Equation 3:
In the case of the ADS1246, these pins are dedicated
AVSS – 100mV < (VREFP or VREFN) < AVDD + 100mV (3)
inputs. For the ADS1247 and ADS1248, there is a
multiplexer that selects the reference inputs, as
shown in Figure 32. The reference input uses a buffer
to increase the input impedance.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS1246 ADS1247 ADS1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com