Electronic Components Datasheet Search
  English  ▼

X  

BD437 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BD437
Description  Plastic Medium Power Silicon NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD437 Datasheet(HTML) 2 Page - Motorola, Inc

  BD437 Datasheet HTML 1Page - Motorola, Inc BD437 Datasheet HTML 2Page - Motorola, Inc BD437 Datasheet HTML 3Page - Motorola, Inc BD437 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD437 BD441
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector–Emitter Breakdown Voltage
(IC = 100 mA, IB = 0)
BD437
BD441
V(BR)CEO
45
80
—
—
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 100 µA, IB = 0)
BD437
BD441
V(BR)CBO
45
80
—
—
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 100 µA, IC = 0)
V(BR)EBO
5.0
—
—
Vdc
Collector Cutoff Current
(VCB = 45 V, IE = 0)
BD437
(VCB = 80 V, IE = 0)
BD441
ICBO
—
—
—
—
0.1
0.1
mAdc
Emitter Cutoff Current
(VEB = 5.0 V)
IEBO
—
—
1.0
mAdc
DC Current Gain
(IC = 10 mA, VCE = 5.0 V)
BD437
BD441
hFE
30
15
—
—
—
—
DC Current Gain
(IC = 500 mA, VCE = 1.0 V)
BD437
BD441
hFE
85
40
—
—
375
475
DC Current Gain
(IC = 2.0 A, VCE = 1.0 V)
BD437
BD441
hFE
40
15
—
—
—
—
Collector Saturation Voltage
(IC = 2.0 A, IB = 0.2 A)
BD437
(IC = 3.0 A, IB = 0.3 A)
BD441
VCE(sat)
—
—
—
—
0.7
0.8
Vdc
Base–Emitter On Voltage
(IC = 2.0 A, VCE = 1.0 V)
VBE(on)
—
—
1.1
Vdc
Current–Gain — Bandwidth Product
(VCE = 1.0 V, IC = 250 mA, f = 1.0 MHz)
fT
3.0
—
—
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com