Electronic Components Datasheet Search
  English  ▼

X  

TPS76901DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76901DBVR
Description  ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76901DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS76901DBVR Datasheet HTML 7Page - Texas Instruments TPS76901DBVR Datasheet HTML 8Page - Texas Instruments TPS76901DBVR Datasheet HTML 9Page - Texas Instruments TPS76901DBVR Datasheet HTML 10Page - Texas Instruments TPS76901DBVR Datasheet HTML 11Page - Texas Instruments TPS76901DBVR Datasheet HTML 12Page - Texas Instruments TPS76901DBVR Datasheet HTML 13Page - Texas Instruments TPS76901DBVR Datasheet HTML 14Page - Texas Instruments TPS76901DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TPS76901, TPS76912, TPS76915, TPS76918, TPS76925
TPS76927, TPS76928, TPS76930, TPS76933, TPS76950
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS203D – JUNE 1999 – REVISED APRIL 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The TPS769xx family of low-dropout (LDO) regulators have been optimized for use in battery-operated
equipment. They feature extremely low dropout voltages, low quiescent current (17
µA nominally), and enable
inputs to reduce supply currents to 1
µA when the regulators are turned off.
device operation
The TPS769xx uses a PMOS pass element to dramatically reduce both dropout voltage and supply current over
more conventional PNP-pass-element LDO designs. The PMOS pass element is a voltage-controlled device
and, unlike a PNP transistor, it does not require increased drive current as output current increases. Supply
current in the TPS769xx is essentially constant from no load to maximum load.
Current limiting and thermal protection prevent damage by excessive output current and/or power dissipation.
The device switches into a constant-current mode at approximately 350 mA; further load reduces the output
voltage instead of increasing the output current. The thermal protection shuts the regulator off if the junction
temperature rises above approximately 165
°C. Recovery is automatic when the junction temperature drops
approximately 25
°C below the high temperature trip point. The PMOS pass element includes a back gate diode
that conducts reverse current when the input voltage level drops below the output voltage level.
A voltage of 1.7 V or greater on the EN input will disable the TPS769xx internal circuitry, reducing the supply
current to 1
µA. A voltage of less than 0.9 V on the EN input will enable the TPS769xx and will enable normal
operation to resume. The EN input does not include any deliberate hysteresis, and it exhibits an actual switching
threshold of approximately 1.5 V.
A typical application circuit is shown in Figure 21.
C1
1
µF
† TPS76912, TPS76915, TPS76918, TPS76925, TPS76927, TPS76928,
TPS76930, TPS76933, TPS76950 (fixed-voltage options).
NC/FB
OUT
1
3
IN
EN
GND
2
4
5
VI
ESR = 0.2
Ω
VO
4.7
µF
+
TPS769xx†
Figure 21. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com