Electronic Components Datasheet Search
  English  ▼

X  

EM4530 Datasheet(PDF) 1 Page - Soberton Inc.

Part # EM4530
Description  Omnidirectional Electret Condenser Microphone
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

EM4530 Datasheet(HTML) 1 Page - Soberton Inc.

  EM4530 Datasheet HTML 1Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EM4530 & EM4530P-C
Omnidirectional Electret Condenser Microphone
Sensitivity
OdB = 1V/Pa. 1KHz
Directivity
Omnidirectional
Impedance
Low Impedance
Current Consumption
Max. 0.5mA
Standard Operation Voltage
2.0V
Sensitivity Reduction
Within
–
3dB at 1.5V
S/N Ratio
More than 60dB
Sensitivity Range
-42
±
4
d
B
,
-44
±
4
d
B
,
-46
±
4
d
B
,
-48
±
4
d
B
Typical Frequency Response Curve:
Schematic Diagram:
EM4530
EM4530P-C
Unit: mm
id25818294 pdfMachine by Broadgun Software - a great PDF writer! - a great PDF creator! - http://www.pdfmachine.com http://www.broadgun.com


Similar Part No. - EM4530

ManufacturerPart #DatasheetDescription
logo
EPCOS
EM4500XS EPCOS-EM4500XS Datasheet
66Kb / 4P
Surge arrester 2-electrode arrester
logo
Soberton Inc.
EM4513-BC SOBERTON-EM4513-BC Datasheet
558Kb / 1P
Omnidirectional Back Electret Condenser Microphone
EM4518 SOBERTON-EM4518 Datasheet
566Kb / 1P
Omnidirectional Electret Condenser Microphone
logo
EM Microelectronic - MA...
EM4550 EMMICRO-EM4550 Datasheet
234Kb / 16P
1 KBit Read/Write Contactless Identification Device
EM4550A5WS11 EMMICRO-EM4550A5WS11 Datasheet
234Kb / 16P
1 KBit Read/Write Contactless Identification Device
More results

Similar Description - EM4530

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
EM1050 SOBERTON-EM1050 Datasheet
878Kb / 1P
Omnidirectional Electret Condenser Microphone
EM6027 SOBERTON-EM6027 Datasheet
811Kb / 1P
Omnidirectional Electret Condenser Microphone
EM6035 SOBERTON-EM6035 Datasheet
161Kb / 1P
Omnidirectional Electret Condenser Microphone
EM6050 SOBERTON-EM6050 Datasheet
178Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9445 SOBERTON-EM9445 Datasheet
186Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9465 SOBERTON-EM9465 Datasheet
831Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9745 SOBERTON-EM9745 Datasheet
818Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9745P-C SOBERTON-EM9745P-C Datasheet
809Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9765 SOBERTON-EM9765 Datasheet
839Kb / 1P
Omnidirectional Electret Condenser Microphone
EM-6027 SOBERTON-EM-6027 Datasheet
811Kb / 1P
Omnidirectional Electret Condenser Microphone
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com