Electronic Components Datasheet Search
  English  ▼

X  

CDCM61002 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM61002
Description  Two Output, Integrated VCO, Low-Jitter Clock Generator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM61002 Datasheet(HTML) 3 Page - Texas Instruments

  CDCM61002 Datasheet HTML 1Page - Texas Instruments CDCM61002 Datasheet HTML 2Page - Texas Instruments CDCM61002 Datasheet HTML 3Page - Texas Instruments CDCM61002 Datasheet HTML 4Page - Texas Instruments CDCM61002 Datasheet HTML 5Page - Texas Instruments CDCM61002 Datasheet HTML 6Page - Texas Instruments CDCM61002 Datasheet HTML 7Page - Texas Instruments CDCM61002 Datasheet HTML 8Page - Texas Instruments CDCM61002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
CDCM61002
www.ti.com.................................................................................................................................................... SCAS870B – FEBRUARY 2009 – REVISED JULY 2009
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
TA
PACKAGED DEVICES
FEATURES(2)
CDCM61002RHBT
32-pin QFN (RHB) package, small tape and reel
–40°C to +85°C
CDCM61002RHBR
32-pin QFN (RHB) package, tape and reel
(1)
For the most current specifications and package information, see the Package Option Addendum located at the end of this data sheet or
refer to our web site at www.ti.com.
(2)
These packages conform to Lead (Pb)-free and green manufacturing specifications. Additional details including specific material
contentcan be accessed at www.ti.com/leadfree. GREEN: TI defines Green to mean Lead (Pb)-Free and in addition, uses less package
materials that do not contain halogens, including bromine (Br), or antimony (Sb) above 0.1%of total product weight. N/A: Not yet
available Lead (Pb)-Free; for estimated conversion dates, go to www.ti.com/leadfree. Pb-FREE: TI defines Lead (Pb)-Free to mean
RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and, if designed to be soldered,
suitable for use in specified lead-free soldering processes.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
VALUE
UNIT
VCC_OUT,
VCC_PLL1,
VCC_PLL2,
Supply voltage range(2)
–0.5 to 4.6
V
VCC_VCO,
VCC_IN
VIN
Input voltage range(3)
–0.5 to (VCC_IN + 0.5)
V
VOUT
Output voltage range(3)
–0.5 to (VCC_OUT + 0.5)
V
IIN
Input current
20
mA
IOUT
Output current
50
mA
TSTG
Storage temperature range
–65 to +150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
condition is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All supply voltages must be supplied simultaneously.
(3)
Input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCM61002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com